Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W/X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG520W/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG520W/X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG520W/X Datasheet HTML 5Page - NXP Semiconductors BFG520W/X Datasheet HTML 6Page - NXP Semiconductors BFG520W/X Datasheet HTML 7Page - NXP Semiconductors BFG520W/X Datasheet HTML 8Page - NXP Semiconductors BFG520W/X Datasheet HTML 9Page - NXP Semiconductors BFG520W/X Datasheet HTML 10Page - NXP Semiconductors BFG520W/X Datasheet HTML 11Page - NXP Semiconductors BFG520W/X Datasheet HTML 12Page - NXP Semiconductors BFG520W/X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Oct 02
9
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
Fig.16 Common emitter noise figure circles; typical values.
handbook, full pagewidth
MLB824
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
180 o
45 o
90 o
135 o
5
2
1
0
0.2
0.5
1
2
5
0.2
unstable
region
F = 1.5 dB
F = 2 dB
F = 3 dB
min
opt
Γ
F
= 1.1 dB
0.2
0.5
0.5
1
2
5
stability
circle
f = 900 MHz; VCE = 6 V; IC = 5 mA; Zo =50 Ω.
Fig.17 Common emitter noise figure circles; typical values.
handbook, full pagewidth
MLB825
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
180 o
45 o
90 o
135 o
5
2
1
0.5
0.5
1
2
5
5
2
0
0.2
0.2
0.2
0.5
1
(1)
(2)
(5)
(6)
(7)
(8)
(3)
(4)
f = 2 GHz; VCE = 6 V; IC = 5 mA; Zo =50 Ω.
(1)
Γopt; Fmin = 1.85 dB.
(2) F = 2 dB.
(3) F = 2.5 dB.
(4) F = 3 dB.
(5)
Γms;Gmax = 11.8 dB.
(6) G = 11 dB.
(7) G = 10 dB.
(8) G = 9 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com