Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W/X Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BFG520W/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG520W/X Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BFG520W/X Datasheet HTML 8Page - NXP Semiconductors BFG520W/X Datasheet HTML 9Page - NXP Semiconductors BFG520W/X Datasheet HTML 10Page - NXP Semiconductors BFG520W/X Datasheet HTML 11Page - NXP Semiconductors BFG520W/X Datasheet HTML 12Page - NXP Semiconductors BFG520W/X Datasheet HTML 13Page - NXP Semiconductors BFG520W/X Datasheet HTML 14Page - NXP Semiconductors BFG520W/X Datasheet HTML 15Page - NXP Semiconductors BFG520W/X Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1998 Oct 02
12
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
SPICE parameters for the BFG520W die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
1.016
fA
2
BF
220.1
3
NF
1.000
4
VAF
48.06
V
5
IKF
510
mA
6
ISE
283
fA
7
NE
2.035
8
BR
100.7
9
NR
0.988
10
VAR
1.692
V
11
IKR
2.352
mA
12
ISC
24.48
aA
13
NC
1.022
14
RB
10.00
15
IRB
1.000
µA
16
RBM
10.00
17
RE
775.3
m
18
RC
2.210
19 (1)
XTB
0.000
20 (1)
EG
1.110
eV
21 (1)
XTI
3.000
22
CJE
1.245
pF
23
VJE
600.0
mV
24
MJE
0.258
25
TF
8.616
ps
26
XTF
6.788
27
VTF
1.414
V
28
ITF
110.3
mA
29
PTF
45.01
deg
30
CJC
447.6
fF
31
VJC
189.2
mV
32
MJC
0.070
33
XCJC
0.130
34
TR
543.7
ps
35 (1)
CJS
0.000
F
Note
1. These parameters have not been extracted, the
default values are shown.
List of components (see Fig.22)
36 (1)
VJS
750.0
mV
37 (1)
MJS
0.000
38
FC
0.780
DESIGNATION
VALUE
UNIT
Cbe
70
fF
Ccb
50
fF
Cce
115
fF
L1
0.34
nH
L2
0.10
nH
L3
0.25
nH
LB
0.40
nH
LE
0.40
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE = 50; QLB,E(f)=QLB,E√(f/fc)
fc = scaling frequency = 1 GHz.
Fig.22 Package equivalent circuit SOT343N.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com