Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 28Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 29Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 30Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 31Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 32Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 33Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 34Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 35Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 209 page
background image
Datasheet
32
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Package pin list and alternate functions
11
Package pin list and alternate functions
Most pins have alternate functionality, as specified in Table 11-1.
Table 11-1
Pin selector and alternate pin functions in DeepSleep (DS) Mode, Analog, Smart I/O[36]
Name
Package
I/O Type
DeepSleep Mapping
Analog/HV
Smart I/O
327-BGA
HCon#0
HCon#29[31]
HCon#30
Pin
DS#5[32, 33]
DS#6
P0.0
F17
GPIO_ENH
P0.1
E18
GPIO_ENH
HIBERNATE_WAKEUP[4]
P0.2
E17
GPIO_ENH
SCB0_SDA
P0.3
B20
GPIO_ENH
SCB0_SCL
HIBERNATE_WAKEUP[5]
P0.4
B19
GPIO_ENH
P0.5
A19
GPIO_ENH
P1.0
H19
GPIO_STD
ECO_IN[34]
P1.1
H20
GPIO_STD
ECO_OUT[34]
P1.4
G19
GPIO_STD
WCO_IN, LPECO_IN[34]
P1.5
F20
GPIO_STD
WCO_OUT, LPECO_OUT[34]
P2.3
D18
GPIO_STD
RTC_CAL
P2.4
C18
GPIO_STD
SWJ_TRSTN
HIBERNATE_WAKEUP[2]
P2.5
C20
GPIO_STD
RTC_CAL
HIBERNATE_WAKEUP[9]
P2.6
C19
GPIO_STD
SWJ_SWO_TDO
P3.0
B18
GPIO_STD
SWJ_SWCLK_TCLK
P3.1[35]
A18
GPIO_STD
HIBERNATE_WAKEUP[0]
P3.2
D17
GPIO_STD
SWJ_SWDIO_TMS
P3.3
C17
GPIO_STD
SWJ_SWDOE_TDI
HIBERNATE_WAKEUP[1]
P3.4
B17
GPIO_STD
P4.0
A17
GPIO_STD
P4.1
D16
GPIO_STD
P4.2
C16
GPIO_STD
P4.3
B16
GPIO_STD
P4.4
A16
GPIO_STD
P4.5
D15
GPIO_STD
HIBERNATE_WAKEUP[6]
P4.6
C15
GPIO_STD
P4.7
B15
GPIO_STD
P5.0
A15
GPIO_STD
P5.1
D14
GPIO_STD
HIBERNATE_WAKEUP[7]
P5.2
C14
GPIO_STD
P5.3
B14
GPIO_STD
HIBERNATE_WAKEUP[8]
P5.4
A14
GPIO_STD
P5.5
C13
GPIO_STD
HIBERNATE_WAKEUP[3]
P5.6
B13
GPIO_STD
ADC[0]_0
Notes
31. HCON (High Speed I/O matrix connection) reference as per Table 10-1.
32. DeepSleep ordering (DS#0, DS#1, DS#2) does not have any impact on choosing any alternate functions; the HSIOM module handles the individual
alternate function assignment.
33. All port pin functions available in DeepSleep mode are also available in Active mode.
34. I/O pins that support an oscillator function (WCO or ECO) must be configured for high-impedance if the oscillator is enabled.
35. This I/O will have increased leakage to ground when VDDD is below the POR threshold.
36. The output pins of FPD and DAC (FPDx_y/DAC_x) peripherals during the reset will be in high impedance state.
37. See Table 26-10 'Serial Communication Block (SCB) specifications' for supported IO-cells and I2C modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com