Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 54Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 55Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 56Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 57Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 58Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 59Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 60Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 61Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 209 page
background image
Datasheet
58
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Core interrupt types
15
Core interrupt types
Table 15-1
Core interrupt types
Interrupt
Source
Power mode
Description
0
CPUIntIdx0_IRQn[40]
DeepSleep
CPU User Interrupt #0
1
CPUIntIdx1_IRQn[40]
DeepSleep
CPU User Interrupt #1
2
CPUIntIdx2_IRQn
DeepSleep
CPU User Interrupt #2
3
CPUIntIdx3_IRQn
DeepSleep
CPU User Interrupt #3
4
CPUIntIdx4_IRQn
DeepSleep
CPU User Interrupt #4
5
CPUIntIdx5_IRQn
DeepSleep
CPU User Interrupt #5
6
CPUIntIdx6_IRQn
DeepSleep
CPU User Interrupt #6
7
CPUIntIdx7_IRQn
DeepSleep
CPU User Interrupt #7
8
Internal0_IRQn
Active
Internal Software Interrupt #0
9
Internal1_IRQn
Active
Internal Software Interrupt #1
10
Internal2_IRQn
Active
Internal Software Interrupt #2
11
Internal3_IRQn
Active
Internal Software Interrupt #3
12
Internal4_IRQn
Active
Internal Software Interrupt #4
13
Internal5_IRQn
Active
Internal Software Interrupt #5
14
Internal6_IRQn
Active
Internal Software Interrupt #6
15
Internal7_IRQn
Active
Internal Software Interrupt #7
Note
40.User interrupt cannot be used for CM0+ application, as it is used internally by system calls. Note, this does not impact CM7 application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com