Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 128Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 209 page
background image
Datasheet
125
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID118A IVREF_LEAK Analog reference voltage
current while ADC is not
operating
–1.8
5
µA Per enabled ADC
SID118B tS_4P5_1
Analog input sample
time
(4.5 V ≤ VDDA_ADC) for
channels of SARMUX1
824
–
–
ns Additional delay for
SARMUX1 due to
additional switches in the
path to the ADC
Guaranteed by Design
SID118C tS_2P7_1
Analog input sample
time
(2.7 V ≤ VDDA_ADC) for
channels of SARMUX1
1648
–
–
ns Additional delay for
SARMUX1 due to
additional switches in the
path to the ADC
Guaranteed by Design
SID119A tST3
Max throughput (sample
per second) for channels
of SARMUX1
––
0.5
Msps 4.5 V ≤ VDDA_ADC ≤ 5.5 V,
80 MHz / 6 = 13.3 MHz,
11 sampling cycles,
15 conversion cycles
SID119B tST4
Max throughput (sample
per second) for channels
of SARMUX1
–
–
0.25
Msps 2.7 V ≤ VDDA_ADC < 4.5 V,
80 MHz / 12 = 6.67 MHz,
11 sampling cycles,
15 conversion cycles
Table 26-8
Temperature sensor specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID201 TSENSACC_TR Temperature sensor
accuracy trimmed
–5
–
5
°C This spec is valid for the
following two conditions:
1. 3.0 V ≤ VDDA_ADC=VREFH ≤ 3.6 V
and 3.0 V ≤ VDDD ≤ 3.6 V
2. 4.5 V ≤ VDDA_ADC=VREFH ≤ 5.5 V
and 4.5 V ≤ VDDD ≤ 5.5 V
(Calibrated accuracy by factory
trimming)
SID202 TSENSACC_STD Temperature sensor
accuracy standard
–10
–
10
°C This spec applies to all valid
combinations for
VDDA_ADC = VREFH and VDDD,
which are not covered by SID201
(Uncalibrated accuracy)
Table 26-7
SAR ADC AC specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com