Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 194 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 194 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 192Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 193Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 194Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 196Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 197Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 198Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 209 page
background image
Datasheet
194
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Errata
31
Errata
This section describes the errata for the CYT4DN product family. Details include errata trigger conditions, scope of impact, available
workaround, and silicon revision applicability. Contact your local Infineon Sales Representative if you have questions.
Part Numbers Affected
CYT4DN Qualification Status
Production samples
CYT4DN Errata Summary
The following table defines the errata applicability to available CYT4DN family devices.
Part Number
All CYT4DN parts
Items
Errata ID
CYT4DN
Silicon Rev.
Fix Status
[1.] CAN FD RX FIFO top pointer feature does not
function as expected
96
CYT4DNJBACQ1BZSGS
CYT4DNJBBCQ1BZSGS
CYT4DNJBCCQ1BZSGS
CYT4DNJBDCQ1BZSGS
CYT4DNJBECQ1BZSGS
CYT4DNJBFCQ1BZSGS
CYT4DNJBGCQ1BZSGS
CYT4DNJBHCQ1BZSGS
CYT4DNJBJCQ1BZSGS
CYT4DNJBKCQ1BZSGS
CYT4DNJBLCQ1BZSGS
CYT4DNJBMCQ1BZSGS
CYT4DNJBNCQ1BZSGS
CYT4DNJBPCQ1BZSGS
CYT4DNJBQCQ1BZSGS
CYT4DNJBRCQ1BZSGS
C
No silicon fix planned.
Use workaround.
[2] CAN FD debug message handling state machine
not get reset to Idle state when
CANFD_CH_CCCR.INIT is set
97
No silicon fix planned.
Use workaround.
[3] No YUV422 allowed in Direct Capture Mode
153
No silicon fix planned.
Use workaround.
[4] SWRESET register field of VIDEOSS0_TCONx_S-
WRESET violates the spec
172
No silicon fix planned.
Use workaround.
[5] Crypto ECC errors may be set after boot with
application authentication
185
No silicon fix planned.
TRM will be updated.
[6] Incomplete erase of Code Flash cells could
happen Erase Suspend / Erase Resume is used along
with Erase Sector operation in Non-Blocking mode
198
Will be fixed to update
the Flash settings, from
the date code 312xxxxx.
[7] Limitation for keeping the port state from
peripheral IP after wakeup from DeepSleep
199
No silicon fix planned.
TRM will be updated.
[8] A part of the PWR_CTL2.BGREF_LPMODE
description is lacked in the existing register TRM
201
No silicon fix planned.
Register TRM will be
updated.
[9] Limitation of clock configuration before entering
DeepSleep mode
202
No silicon fix planned.
TRM will be updated.
[10] Several data retention information in Register
TRM are incorrect
203
No silicon fix planned.
Register TRM will be
updated.
[11] SCBx_INTR_TX.UNDERFLOW bit may be set
unintentionally
204
No silicon fix planned.
Register TRM will be
updated.
[12] Conditions in datasheet for standard SMIF SDR
mode extended
205
No silicon fix planned.
Datasheet was updated
to add the new recom-
mended configuration
(SMIFx_CO-
REy_CTL2.TX_SDR_EX-
TRA_SETUP = 1).
[13] Hardfault may occur when calling ReadSWPU or
WriteSWPU while executing EraseSector or
ProgramRow in non-blocking mode
206
No silicon fix planned.
TRM will be updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com