Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT3DLABFS Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CYT3DLABFS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT3DLABFS Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CYT3DLABFS Datasheet HTML 3Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 4Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 5Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 6Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 7Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 8Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 9Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 10Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 207 page
background image
Datasheet
7 of 207
002-27763 Rev.*H
2023-03-03
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 single
Features list
1Features list
Table 1-1
CYT3DL feature list
Features
Packages
216-TEQFP
272-BGA
CPU
Core
32-bit Arm® Cortex®-M7 CPU and 32-bit Arm® Cortex®-M0+ CPU
Functional safety
ASIL-B
Operation voltage for GPIO_STD
2.7V to 5.5V
Operation voltage for GPIO_ENH
2.7V to 5.5V
Operation voltage for GPIO_SMC
2.7V to 5.5V
Operation voltage for HSIO_STDLN
3.0 V to 3.6 V
Core voltage VCCD
1.09 V to 1.21 V
Operation frequency
Arm® Cortex®-M7 240 MHz (max) and Arm® Cortex®-M0+ 100 MHz (max)
MPU, PPU
Supported
FPU
Supports both single (32-bit) and double (64-bit) precision
DSP-MUL/DIV/MAC
Supported by Arm® Cortex®-M7 CPU
TCM
64-KB instruction and 64-KB data for Cortex®-M7 CPU
Memory
Code-flash
4160 KB (4031 KB + 128 KB)
Work-flash
128 KB (96 KB + 32 KB)
SRAM (configurable for retention)
384 KB
ROM
64 KB
Communication Interfaces
CAN0 (CAN-FD: Up to 8 Mbps)
2 ch
CAN1 (CAN-FD: Up to 8 Mbps)
2 ch
CAN RAM
16 KB per instance (2 ch), 32 KB in total
Serial Communication Block (SCB/UART)
9 ch
12 ch
Serial Communication Block (SCB/I2C)
9 ch
11 ch
Serial Communication Block (SCB/SPI)
8 ch
11 ch
LIN0
2 ch
CXPI controller
2 ch
Ethernet MAC
1 ch × 10/100
Memory Interfaces
SMIF (Single SPI / Dual SPI / Quad SPI / Octal SPI / xSPI)
2 ch (HSIO_STDLN at 100 MHz)
2 ch (HSIO_STDLN at 133 MHz)
Timers
RTC
1 ch
TCPWM (16-bit)
38 ch
TCPWM (16-bit) SMC
12 ch (Equivalent to 6 ch SMC with ZPD and slew rate control)
TCPWM (32-bit)
32 ch
External Interrupts
108
135
Analog
12-bit, 1 Msps SAR ADC
1 Unit (SAR#0, 32 logical channels)
48 external channels
6 ch for Internal sampling
Security
Flash Security (program/work read protection)
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com