Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT3DLABFS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYT3DLABFS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT3DLABFS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYT3DLABFS Datasheet HTML 9Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 10Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 11Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 12Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 13Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 14Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 15Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 16Page - Infineon Technologies AG CYT3DLABFS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 207 page
background image
Datasheet
13 of 207
002-27763 Rev.*H
2023-03-03
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 single
Functional description
3.2
System resources
3.2.1
Power system
The power system ensures that the supply voltage levels meet the requirements of each power mode, and
provides a full-system reset when these levels are not valid. Internal power-on reset (POR) guarantees full-chip
reset during the initial power ramp.
Three BOD circuits monitor the external supply voltages (VDDD, VDDA_ADC, VCCD). The BOD on VDDD and VCCD is
initially enabled and cannot be disabled. The BOD on VDDA_ADCisinitiallydisabledandcanbeenabledbytheuser.
For the external supplies VDDD and VDDA_ADC, BOD circuits are software-configurable with two settings; a 2.7-V
minimum voltage that is robust for all internal signaling, and a 3.0-V minimum voltage, which is also robust for
all I/O specifications (which are guaranteed at 2.7 V). The BOD on VCCD is provided as a safety measure and is not
a robust detector.
Three overvoltage detection (OVD) circuits are provided for monitoring external supplies (VDDD, VDDA_ADC, VCCD),
and overcurrent detection circuits (OCD) for monitoring internal and external regulators. OVD thresholds on VDDD
and VDDA_ADC are configurable with two settings; a 5.0-V and 5.5-V maximum voltage.
Two voltage detection circuits are provided to monitor the external supply voltage (VDDD) for falling and rising
levels, each configurable for one of the 26 selectable levels.
All BOD, OVD, and OCD circuits on VDDD and VCCD generate a reset, because these protect the CPUs and fault logic.
The BOD and OVD circuits on VDDA_ADC can be configured to generate either a reset, or a fault.
3.2.2
Regulators
CYT3DL contains two regulators that provide power to the low-voltage core transistors: DeepSleep and core
internal. These regulators accept a 2.7-V to 5.5-V VDDD supply and provide a low-noise 1.1-V supply to various
parts of the device. These regulators are automatically enabled and disabled by hardware and firmware when
switching between power modes. The core internal regulator operates in Active mode and provides power to the
CPU subsystem and associated peripherals.
3.2.2.1
DeepSleep
The DeepSleep regulator is used to maintain power in a small number of blocks when in DeepSleep mode. These
blocks include the ILO and WDT timers, BOD detector, SCB0, SRAM memories, Smart I/O, and other configuration
memories. The DeepSleep regulator is enabled when in DeepSleep mode, and the core internal regulator is
disabled. It is disabled when XRES_L is asserted (LOW) and when the core internal regulator is disabled.
3.2.2.2
Core internal
The core internal regulator supports load currents up to 300 mA, and is operational during device start-up (boot
process), and in Active/Sleep modes. (Graphics subsystem is not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com