Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5232 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5232
Description  10mA Ultra-Low Quiescent Current uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5232 Datasheet HTML 1Page - Micrel Semiconductor MIC5232 Datasheet HTML 2Page - Micrel Semiconductor MIC5232 Datasheet HTML 3Page - Micrel Semiconductor MIC5232 Datasheet HTML 4Page - Micrel Semiconductor MIC5232 Datasheet HTML 5Page - Micrel Semiconductor MIC5232 Datasheet HTML 6Page - Micrel Semiconductor MIC5232 Datasheet HTML 7Page - Micrel Semiconductor MIC5232 Datasheet HTML 8Page - Micrel Semiconductor MIC5232 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC5232
November 2006
3
M9999-112006-B
Pin Configuration
EN
GND
VIN
NC
NC
VOUT
6
5
4
1
2
3
MIC5232-x.xYML
2mm x 2mm MLF™ (ML)
EN GND
NC
VOUT
VIN
3
1
5
2
4
MIC5232-x.xYD5
TSOT-23-5 (D5)
EP
Pin Description
Pin Number
TSOT-23-5
Pin Number
MLF
Pin Name
Pin Name
1
3
VIN
Supply Input.
2
2
GND
Ground.
3
1
EN
Enable Input. Active High. High = on, Low = off. Do not leave floating.
4
5
NC
Not Internally Connected.
5
4
VOUT
Output (10mA output current).
-
6
NC
Not Internally Connected.
-
EP
EP
Exposed pad connected-to-ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com