Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5232 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5232
Description  10mA Ultra-Low Quiescent Current uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5232 Datasheet HTML 1Page - Micrel Semiconductor MIC5232 Datasheet HTML 2Page - Micrel Semiconductor MIC5232 Datasheet HTML 3Page - Micrel Semiconductor MIC5232 Datasheet HTML 4Page - Micrel Semiconductor MIC5232 Datasheet HTML 5Page - Micrel Semiconductor MIC5232 Datasheet HTML 6Page - Micrel Semiconductor MIC5232 Datasheet HTML 7Page - Micrel Semiconductor MIC5232 Datasheet HTML 8Page - Micrel Semiconductor MIC5232 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5232
November 2006
4
M9999-112006-B
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN)................................0V to 8V
Enable Input Voltage (VEN)...............................0V to 8V
Power Dissipation (PD) .................... Internally Limited
(3)
Junction Temperature (TJ).................. –40°C to +125°C
Storage Temperature (TS).................. –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ................. 260°C
ESD Rating
(4)......................................................... ±2kV
Operating Ratings
(2)
Supply voltage (VIN) ...................................... 2.7V to 7V
Enable Input voltage (VEN)...............................0V to VIN
Thermal Resistance
TSOT-23-5 (θJA)......................................... 235°C/W
MLF-6 (θJA) .................................................. 90°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1.0V, COUT = 0.47µF, IOUT = 100µA, TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; -40C to +125C
-3.0
+3.0
%
Output Voltage Temp.
Coefficient
40
ppm/C
Line Regulation
VIN = VOUT +1V to7V;
0.02
0.25
%/V
Load Regulation
IOUT = 10µA to 10mA
0.2
1.0
1.5
%
%
Dropout Voltage
(6)
IOUT = 100µA
IOUT = 10mA
60
100
300
mV
mV
Ground Pin Current
IOUT = 10µA
1.8
3
µA
Ground Pin Current in
Shutdown
VEN < 0.18V
0.1
1.5
µA
Current Limit
VOUT = 0V
70
120
mA
Reverse Current (VOUT > VIN)
VOUT = VIN + 1V
0.02
1
µA
Ripple Rejection
f = 10Hz
f = 1kHz
55
35
dB
dB
Output Voltage Noise
COUT =0.47µF; 10Hz to 100kHz
400
µVrms
Enable Input
Logic Low (Regulator Shutdown)
0.18
V
Enable Input Voltage
Logic High (Regulator Enabled)
1.4
V
VIL < 0.18V (Regulator Shutdown)
1
nA
Enable Input Current
VIH > 1.4V (Regulator Enabled)
1
nA
Turn-on Time
COUT = 0.47µF
(7)
0.75
1.5
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature.
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.7V, dropout voltage is the input-to-output differential with the minimum input voltage 2.7V.
7. Turn-on time is measured from 10% of the positive edge of the enable signal to 90% of the rising edge of the output voltage of the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com