Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG67/X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG67/X
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67/X Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG67/X Datasheet HTML 1Page - NXP Semiconductors BFG67/X Datasheet HTML 2Page - NXP Semiconductors BFG67/X Datasheet HTML 3Page - NXP Semiconductors BFG67/X Datasheet HTML 4Page - NXP Semiconductors BFG67/X Datasheet HTML 5Page - NXP Semiconductors BFG67/X Datasheet HTML 6Page - NXP Semiconductors BFG67/X Datasheet HTML 7Page - NXP Semiconductors BFG67/X Datasheet HTML 8Page - NXP Semiconductors BFG67/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Oct 02
5
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
Fig.4
DC current gain as a function of collector
current.
VCE =5V.
handbook, halfpage
0
120
80
40
0
20
40
MBB301
60
I
(mA)
C
FE
h
Fig.5
Feedback capacitance as a function of
collector-base voltage.
IC =ic = 0; f = 1 MHz.
handbook, halfpage
0
0.8
0.6
0.4
0.2
4
MBB302
812
16
Cre
(pF)
VCB (V)
0
Fig.6
Transition frequency as a function of
collector current.
VCE = 8 V; Tamb =25 °; f = 2 GHz.
handbook, halfpage
010
20
40
8
6
2
0
4
MBB303
30
I
(mA)
C
(GHz)
T
f
10
Fig.7 Gain as a function of collector current.
VCE = 8 V; f = 1 GHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain;
Gmax = maximum available gain.
handbook, halfpage
gain
(dB)
IC (mA)
0
20
15
10
0
10
20
40
MBB304
30
25
5
MSG
G UM
max
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com