Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG67/X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG67/X
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67/X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG67/X Datasheet HTML 6Page - NXP Semiconductors BFG67/X Datasheet HTML 7Page - NXP Semiconductors BFG67/X Datasheet HTML 8Page - NXP Semiconductors BFG67/X Datasheet HTML 9Page - NXP Semiconductors BFG67/X Datasheet HTML 10Page - NXP Semiconductors BFG67/X Datasheet HTML 11Page - NXP Semiconductors BFG67/X Datasheet HTML 12Page - NXP Semiconductors BFG67/X Datasheet HTML 13Page - NXP Semiconductors BFG67/X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Oct 02
10
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
Fig.18 Common emitter reverse transmission coefficient (S12).
VCE = 8 V; IC = 15 mA.
handbook, full pagewidth
handbook, full pagewidth
MBB312
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
− j
1
0.2
10
5
2
0.5
3 GHz
40 MHz
Fig.19 Common emitter output reflection coefficient (S22).
handbook, full pagewidth
MBB311
+ϕ
−ϕ
0
°
30
°
60
°
90
°
120
°
150
°
180
°
150
°
120
°
90
°
60
°
30
°
3 GHz
0.4
0.2
40 MHz
0.5
0.3
0.1
VCE = 8 V; IC = 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com