Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG67W/XR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG67W/XR
Description  NPN 8 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67W/XR Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG67W/XR Datasheet HTML 1Page - NXP Semiconductors BFG67W/XR Datasheet HTML 2Page - NXP Semiconductors BFG67W/XR Datasheet HTML 3Page - NXP Semiconductors BFG67W/XR Datasheet HTML 4Page - NXP Semiconductors BFG67W/XR Datasheet HTML 5Page - NXP Semiconductors BFG67W/XR Datasheet HTML 6Page - NXP Semiconductors BFG67W/XR Datasheet HTML 7Page - NXP Semiconductors BFG67W/XR Datasheet HTML 8Page - NXP Semiconductors BFG67W/XR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
August 1995
3
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG67W
BFG67W/X; BFG67W/XR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
50
mA
Ptot
total power dissipation
up to Ts =85 °C; see Fig.3; note 1
−
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
400
0
MBG248
150
T
( C)
o
s
Ptot
(mW)
600
200
THERMAL CHARACTERISTICS
Note to the “Limiting values” and “Thermal characteristics”
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =85 °C; note 1
180
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com