Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2-3G5ST Datasheet(PDF) 8 Page - NEC

Part # EP2-3G5ST
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2-3G5ST Datasheet(HTML) 8 Page - NEC

Back Button EP2-3G5ST Datasheet HTML 4Page - NEC EP2-3G5ST Datasheet HTML 5Page - NEC EP2-3G5ST Datasheet HTML 6Page - NEC EP2-3G5ST Datasheet HTML 7Page - NEC EP2-3G5ST Datasheet HTML 8Page - NEC EP2-3G5ST Datasheet HTML 9Page - NEC EP2-3G5ST Datasheet HTML 10Page - NEC EP2-3G5ST Datasheet HTML 11Page - NEC EP2-3G5ST Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MR301 Series
FEATURES
q Medium load applications such as interval wipers and stereo
q Delivered in stick-tube for automatic insertion machine
q Flux tight housing
q Washable type available
q High standoff type (0.8 mm) available (“L” suffix)
PART NUMBERS AND COIL RATINGS
Nominal
Coil
Nominal
Must
Must
Nominal
Voltage
Resistance
Current
Operate Voltage Release Voltage
Operate Power
(Vdc)
(
Ω ± 10%)
(mA)
(Vdc max.)
(Vdc min.)
(W)
6
100
60
4.2
0.6
0.36
9
225
40
6.3
0.9
0.36
12
320
38
8.0
1.2
0.45
12
400
30
8.4
1.2
0.36
Part Numbers
5 A Type
10 A Type
15 A Type
MR301-6SL
MR301-6HSL
MR301-6ESL
MR301-9SL
MR301-9HSL
MR301-9ESL
MR301-N39L
MR301-N40L
MR301-N40EL
MR301-12SL
MR301-12HSL
MR301-12ESL
at 25˚C (77˚F)
s NUMBERING SYSTEM
DIMENSIONS mm (inch)
5
SCHEMATIC
(BOTTOM VIEW)
PCB PAD LAYOUT mm (inch)
(BOTTOM VIEW)
3
12.2
(0.08)
12
(0.47)
2
(0.08)
22.5 (0.89) Max.
16.5 (0.65) Max.
2.3
(0.09)
2.3
(0.09)
12.2
(0.48)
2
(0.08)
1.8
( 0.07)
φ
φ
1.6
( 0.06)
φ
φ
42
1
MR301-6HUSL
1.
Type
Cover
Nominal Coil voltage
(at 25
°C)
Enclosure
Contacts
Nil : 16.7 mm max. height
(including 0.3 mm stand off)
Color – Black
L
: 17.0 mm max. height
(including 0.8 mm stand off)
Color – Gray
Nil : Unsealed
S : Sealed
6 :
6 V, DC
9 :
9 V, DC
12 : 12 V, DC
Hil : 5 A type
H : 10 A type
E : 15 A type
(E type is not recognized by UL and CSA)
Nil : Standard type
U : UL, CSA recognized type
MR301-N
∗ EL
2.
Type
Cover
Custom code
Contacts
The same to item No.1
Nil : 5 A or 10 A type
E : 15 A type
Recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com