Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2-3G5ST Datasheet(PDF) 9 Page - NEC

Part # EP2-3G5ST
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2-3G5ST Datasheet(HTML) 9 Page - NEC

Back Button EP2-3G5ST Datasheet HTML 4Page - NEC EP2-3G5ST Datasheet HTML 5Page - NEC EP2-3G5ST Datasheet HTML 6Page - NEC EP2-3G5ST Datasheet HTML 7Page - NEC EP2-3G5ST Datasheet HTML 8Page - NEC EP2-3G5ST Datasheet HTML 9Page - NEC EP2-3G5ST Datasheet HTML 10Page - NEC EP2-3G5ST Datasheet HTML 11Page - NEC EP2-3G5ST Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Items
Contact Form
Contact Material
Contact Resistance
Contact Switching Voltage
Contact Switching Current
Contact Carrying Current
Operate Time
Release Time
Nominal Operate Power
Insulation Resistance
Breakdown Voltage
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
Life Expectancy
Mechanical
Electrical
Weight
5 A Type
10/15 A Type
1 form C
Silver nickel alloy
Silver oxide complex alloy
100 m
Ω max. (measured at 0.5 A) initial
100 m
Ω max. (measured at 2 A) initial
30 Vdc max. 5 Vdc min.
5 A max. (at 16 Vdc) 0.1 A min.
15/20 A max. (at 16 vdc)
1 A min.
20 A max. (at 12 Vdc)
Approx. 5 ms max. (at I 2 Vdc, excluding bounce) initial
Approx. 2 ms max. (at I 2 Vdc, excluding bounce) initial, without diode
0.36 W/0.45 W (Nominal Voltage)
100 M
Ω min. (at 500 Vdc) initial
500 Vdc min. (for 1 minute) initial
98 m/s2 [Approx. 10 G] min. (misoperating)
10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating)
–40˚C to +85˚C (–40˚F to +185˚F)
50˚C/ W (contact carrying current 0 A)
1 x 106 operations
1 x 105 operations (at 14 Vdc, Motor Load 20 A/3 A) (E-Contact)
Approx. 13 gr
SPECIFICATIONS
at 25˚C (77˚F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com