Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3002APVG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82V3002APVG
Description  WAN PLL WITH DUAL REFERENCE INPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3002APVG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82V3002APVG Datasheet HTML 9Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 10Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 11Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 12Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 13Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 14Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 15Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 16Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
FUNCTIONAL DESCRIPTION
13
October 15, 2008
IDT82V3002A
WAN PLL WITH DUAL REFERENCE INPUT
Figure - 5 TIE Control Circuit Diagram
The TIE Control Block will work under the control of the Step
Generation circuit when it is enabled manually or automatically (by the
TIE_en pin or TIE auto-enable logic generated by the State Control
Circuit).
The selected reference signal is compared with the feedback signal
(current output feedback from the Frequency Select Circuit) by the
Measure Circuit. The phase difference between the input reference and
the feedback signal is sent to the Storage Circuit for TIE correction. The
Trigger Circuit generates a virtual reference with the phase corrected to
the same position as the previous reference according to the value
stored in the Storage Circuit. With this TIE correction mechanism, the
reference is switched without generating a step change in phase.
Figure - 6 shows the phase transient that would result if a reference
switch is performed with the TIE Control Block enabled.
Figure - 6 Reference Switch with TIE Control Block Enabled
The phase difference in the Storage Circuit can be cleared by
applying a logic low pulse to the TCLR pin. The reset pulse should be at
least 300 ns.
When the IDT82V3002A primarily enters Holdover Mode for short
time periods and then turns back to Normal Mode, the TIE Control
Circuit should not be enabled. This will prevent undesired accumulated
phase change between the input and output.
If the TIE Control Block is disabled manually or automatically during
the reference switching, the phase of the output signal will align with that
of the new reference. The phase slope is limited to 5 ns per 125 µs.
Figure - 7 shows the phase transient resulting from a reference switch
with the TIE Control Block disabled.
Step Generation
TIE_en
Select
Circuit
Fref0
Fref1
IN_sel
Measure
Circuit
Storage
Circuit
Trigger
Circuit
Feedback
signal
TCLR
Fref
Virtual
Reference
Signal
Input Clock
Fref0
Time = 0.00 s
Time = 0.25 s
Time = 0.50 s
Time = 0.75 s
Time = 1.0 s
Time = 1.25 s
Time = 1.50 s
Time = 1.75 s
Output Clock
Fref1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com