Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3002APVG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 82V3002APVG
Description  WAN PLL WITH DUAL REFERENCE INPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3002APVG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 82V3002APVG Datasheet HTML 17Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 18Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 19Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 20Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 21Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 22Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 23Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 24Page - Renesas Technology Corp 82V3002APVG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TEST SPECIFICATIONS
21
October 15, 2008
IDT82V3002A
WAN PLL WITH DUAL REFERENCE INPUT
5.1
AC ELECTRICAL CHARACTERISTICS
**Note:
Voltages are with respect to ground (Vss) unless otherwise stated.
Table - 8 Performance**
Description
Min
Typ.
Max
Units
Test Conditions / Notes*
Freerun Mode accuracy with OSCi at : 0 ppm
-0
+0
ppm
5-8
Freerun Mode accuracy with OSCi at : ±32 ppm
-32
+32
ppm
5-8
Freerun Mode accuracy with OSCi at : ±100 ppm
-100
+100
ppm
5-8
Holdover Mode accuracy with OSCi at : 0 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-8, 40, 41
Holdover Mode accuracy with OSCi at : ±32 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-8, 40, 41
Holdover Mode accuracy with OSCi at : ±100 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-8, 40, 41
Capture range with OSCi at : 0 ppm
-230
+230
ppm
1-3, 6-8
Capture range with OSCi at : ±32 ppm
-198
+198
ppm
1-3, 6-8
Capture range with OSCi at : ±100 ppm
-130
+130
ppm
1-3, 6-8
Phase lock time
50
s
1-3, 6-14, 42
Output phase continuity with reference switch
200
ns
1-3, 6-14
Output phase continuity with mode switch to Normal
200
ns
1-2, 4-14
Output phase continuity with mode switch to Freerun
200
ns
1-2, 5-14
Output phase continuity with mode switch to Holdover
50
ns
1-3, 6-14
MON_out is low level - Reference frequency accuracy must be:
-12
+12
ppm
MTIE (maximum time interval error)
600
ns
1-14, 27
Output phase slope
40
µs/s
1-14, 27
Reference input for Auto-Holdover with 8 kHz
-18 k
+18 k
ppm
1-3, 6, 9-11
Reference input for Auto-Holdover with 1.544 MHz
-36 k
+36 k
ppm
1-3, 7, 9-11
Reference input for Auto-Holdover with 2.048 MHz
-36 k
+36 k
ppm
1-3, 8, 9-11
Table - 9 Intrinsic Jitter Unfiltered
Description
Min
Typ
Max
Units
Test Conditions / Notes*
Intrinsic jitter at F8o ( 8 kHz )
0.0001
UIpp
1-14, 21-24, 28
Intrinsic jitter at F0o ( 8 kHz )
0.0001
UIpp
1-14, 21-24, 28
Intrinsic jitter at F16o ( 8 kHz )
0.0001
UIpp
1-14, 21-24, 28
Intrinsic jitter at C1.5o ( 1.544 MHz )
0.015
UIpp
1-14, 21-24, 29
Intrinsic jitter at C3o ( 3.088 MHz )
0.03
UIpp
1-14, 21-24, 31
Intrinsic jitter at C2o ( 2.048 MHz )
0.01
UIpp
1-14, 21-24, 30
Intrinsic jitter at C6o ( 6.312 MHz )
0.06
UIpp
1-14, 21-24
Intrinsic jitter at C4o ( 4.096 MHz )
0.02
UIpp
1-14, 21-24, 32
Intrinsic jitter at C8o ( 8.192 MHz )
0.04
UIpp
1-14, 21-24, 33
Intrinsic jitter at C16o ( 16.834 MHz )
0.04
UIpp
1-14, 21-24, 34
Intrinsic jitter at TSP ( 8 kHz )
0.0001
UIpp
1-14, 21-24, 34
Intrinsic jitter at RSP ( 8 kHz )
0.0001
UIpp
1-14, 21-24, 34
Intrinsic jitter at C32o ( 32.768 MHz )
0.08
UIpp
1-14, 21-24, 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com