Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD2001D Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMD2001D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMD2001D Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMD2001D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PMD2001D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2009
6 of 15
NXP Semiconductors
PMD2001D
MOSFET driver
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per NPN transistor
ICBO
collector-base cut-off
current
VCB =40V; IE = 0 A
--10
nA
VCB =40V; IE =0A;
Tj = 150 °C
--10
µA
hFE
DC current gain
VCE =5V; IC = 1 mA
100
210
-
VCE =5V; IC = 200 mA
100
170
300
VCE =5V; IC = 500 mA
[1] 50
100
-
VCEsat
collector-emitter
saturation voltage
IC = 200 mA; IB = 20 mA
-
150
250
mV
IC = 500 mA; IB =50mA
[1] -
300
500
mV
VBEsat
base-emitter
saturation voltage
IC = 200 mA; IB = 20 mA
-
0.86
1
V
IC = 500 mA; IB =50mA
[1] -
0.95
1.1
V
Per PNP transistor
ICBO
collector-base cut-off
current
VCB = −40 V; IE =0A
-
-
−10
nA
VCB = −40 V; IE =0A;
Tj = 150 °C
--
−10
µA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
100
180
-
VCE = −5 V; IC = −200 mA
80
125
300
VCE = −5 V; IC = −500 mA
[1] 50
80
-
VCEsat
collector-emitter
saturation voltage
IC = −200 mA; IB = −20 mA
-
−130
−250
mV
IC = −500 mA; IB = −50 mA
[1] -
−280
−500
mV
VBEsat
base-emitter
saturation voltage
IC = −200 mA; IB = −20 mA
-
−0.87 −1V
IC = −500 mA; IB = −50 mA
[1] -
−0.98 −1.1
V
Per device
td
delay time
IC = 0.15 A; VI = 7.5 V
-
3
-
ns
tr
rise time
-
3
-
ns
ton
turn-on time
-
6
-
ns
ts
storage time
-
2
-
ns
tf
fall time
-
3
-
ns
toff
turn-off time
-
5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com