Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD2001D Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PMD2001D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMD2001D Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMD2001D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PMD2001D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2009
9 of 15
NXP Semiconductors
PMD2001D
MOSFET driver
VCE = −5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 11. TR2 (PNP): DC current gain as a function of
collector current; typical values
Fig 12. TR2 (PNP): Collector current as a function of
collector-emitter voltage; typical values
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 13. TR2 (PNP): Base-emitter voltage as a function
of collector current; typical values
Fig 14. TR2 (PNP): Base-emitter saturation voltage as
a function of collector current; typical values
006aaa778
100
200
300
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
VCE (V)
0
−10
−8
−4
−6
−2
006aaa783
−0.4
−0.8
−1.2
IC
(A)
0
IB (mA) =
−25
−22.5
−20
−17.5
−15
−10
−7.5
−5
−2.5
−12.5
006aaa779
−0.6
−0.8
−0.4
−1.0
−1.2
VBE
(V)
−0.2
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
006aaa782
−0.6
−0.8
−0.4
−1.0
−1.2
VBEsat
(V)
−0.2
IC (mA)
−10−1
−103
−1
−102
−10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com