Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA006 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  General Purpose, 16-Bit Flash Microcontrollers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24FJ64GA006 Datasheet HTML 35Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 36Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 37Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 38Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 39Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 40Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 41Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 42Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 232 page
background image
TABLE 3-20:
PORTE REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISE
02D8
—
—
—
—
—
—TRISE9(1) TRISE8(1)
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
03FF
PORTE
02DA
—
—
—
—
—
—RE9(1)
RE8(1)
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
xxxx
LATE
02DC
—
—
—
—
—
—LATE9(1)
LATE8(1)
LATE7
LATE6
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
xxxx
ODCE
06D8
—
—
—
—
—
—ODE9(1)
ODE8(1)
ODE7
ODE6
ODE5
ODE4
ODE3
ODE2
ODE1
ODE0
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for 100-pin devices.
Note
1:
Implemented in 80-pin and 100-pin devices only.
TABLE 3-21:
PORTF REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISF
02DE
—
—
TRISF13(1) TRISF12(1)
—
—
—
TRISF8(2) TRISF7(2)
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
31FF
PORTF
02E0
—
—
RG13(1)
RG12(1)
—
—
—RF8(2)
RF7(2)
RF6
RF5
RF4
RF3
RF2
RF1
RF0
xxxx
LATF
02E2
—
—
LATF13(1)
LATF12(1)
—
—
—LATF8(2)
LATF7(2)
LATF6
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
xxxx
ODCF
06DE
—
—
ODF13(1)
ODF12(1)
—
—
—ODF8(2)
ODF7(2)
ODF6
ODF5
ODF4
ODF3
ODF2
ODF1
ODF0
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for 100-pin devices.
Note
1:
Implemented in 100-pin devices only.
2:
Implemented in 80-pin and 100-pin devices only.
TABLE 3-22:
PORTG REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISG
02E4
TRISG15(1) TRISG14(1) TRISG13(1)
TRISG12(1
—
—
TRISG9
TRISG8
TRISG7
TRISG6
—
—
TRISG3
TRISG2
TRISG1(2) TRISG0(2)
F3CF
PORTG
02E6
RG15(1)
RG14(1)
RG13(1)
RG12(1)
—
—
RG9
RG8
RG7
RG6
—
—
RG3
RG2
RG1(2)
RG0(2)
xxxx
LATG
02E8
LATG15(1)
LATG14(1)
LATG13(1)
LATG12(1)
—
—
LATG9
LATG8
LATG7
LATG6
—
—
LATG3
LATG2
LATG1(2)
LATG0(2)
xxxx
ODCG
06E4
ODG15(1)
ODG14(1)
ODG13(1)
ODG12(1)
—
—
ODG9
ODG8
ODG7
ODG6
—
—
ODG3
ODG2
ODG1(2)
ODG0(2)
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for 100-pin devices.
Note
1:
Implemented in 100-pin devices only
2:
Implemented in 80-pin and 100-pin devices only.
TABLE 3-23:
PAD CONFIGURATION MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PADCFG1
02FC
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RTSECSEL
PMPTTL
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for 100-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com