Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB25103 Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # USB25103
Description  USB2510-Three Axis High Field USB Magnetometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

USB25103 Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  USB25103 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MultiDimension Technology Co., Ltd.
Page 2 of 5
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT USB25103
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a
Hardware Description
The USB magnetometer includes three orthogonal magnetic field sensors located within 3 mm from
the probe tip and covered with an aluminum tube.
The probe is connected to USB data acquisition
hardware by a 1 m long cable.
The probe has the following configuration.
The USB magnetometer hardware is compatible with the popular open source Arduino UNO board,
and thus with the Arduino programming environment or Atmel microcontroller development tools.
The user may develop custom firmware at his/her risk.
The hardware includes a boot loader for
uploading Arduino code.
The USB magnetometer hardware model is defined as follows:
The magnetic sensors are used to detect a magnetic field, which is converted to a proportional
voltage value.
The magnetic sensors are biased by a temperature compensated voltage reference.
The magnetic sensor outputs are connected to ADCs which digitally sample the voltages and sends
the digital signals via a 1 m long cable to a microcontroller over an I2C bus.
The microcontroller
converts the sampled sensor voltages to a magnetic field values using calibration coefficients stored
within an EEPROM.
These EEPROM values may be overwritten by the user.
The
microcontroller then sends the computed magnetic field values to a serial bus, which is connected to
a FTDI231X Serial-to-USB convertor.
The I/O of the FTDI231X Serial-to-USB convertor is a
standard USB 2.0 port.
A driver on the computer or other computing device is used to create a
virtual COM port, which is then accessed by the MDT USB magnetometer GUI, a terminal
emulator program, or other custom written program.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com