Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB25103 Datasheet(PDF) 4 Page - MultiDimension Technology Co.,Ltd.

Part # USB25103
Description  USB2510-Three Axis High Field USB Magnetometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

USB25103 Datasheet(HTML) 4 Page - MultiDimension Technology Co.,Ltd.

  USB25103 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. USB25103 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MultiDimension Technology Co., Ltd.
Page 4 of 5
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT USB25103
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
External Magnetic Field
Hext
unlimited
Oe
(1)
ESD Voltage
VESD
4000
V
Operating Temperature
TA
-40 ~ 85
°C
Storage Temperature
Tstg
-50 ~ 150
°C
Specifications
Parameter
Comments
Min
Typ
Max
Unit
Supply Voltage
From USB Bus
5
V
Sensing Direction
X/Y/Z
Cable Length
Custom Length
Possible
1
m
Hardware Interface
USB 2.0
GUI Supported
Operating Systems
Windows 7, 8, 10
Android
Custom Program
Compatible Operating
Systems
(2)
Windows,
Macintosh, Linux,
Android, iOS
Maximum Field Range
-20
20
kOe
Low Noise Field Range
-2.2
2.2
kOe
Uncorrected Nonlinearity
Fit @ ±5 kOe
2
%FS
RMS Noise
No Averaging,
Low Noise, 16 bits
75
mOe
Temperature Coefficient
of Sensitivity
-0.06
%/°C
ADC Resolution
(3)
16
bits
Sampling Frequency
(4)
Resolution
Dependent
200
250
Hz
Orthogonality
Can Be Software
Corrected
2
degree
Notes:
(1)
1 Oe (Oersted) = 1 Gauss in air = 0.1 millitesla = 79.8 A/m.
(2)
Limited by FTDI USB driver availability and computing device USB port hardware
(3)
Resolution can be increased in software by oversampling.
Nominal ADC resolution is 16 bits.
Effective resolution at high speed is lower.
(4)
Limited by ADC to <250 Hz, which may be achieved in binary mode.
Binary mode should not be used in Normal Sampling Mode.
Related Documents
 MDT USB Magnetometer User Manual



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com