Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS552-02 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS552-02 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS552-02 Datasheet HTML 1Page - Renesas Technology Corp ICS552-02 Datasheet HTML 2Page - Renesas Technology Corp ICS552-02 Datasheet HTML 3Page - Renesas Technology Corp ICS552-02 Datasheet HTML 4Page - Renesas Technology Corp ICS552-02 Datasheet HTML 5Page - Renesas Technology Corp ICS552-02 Datasheet HTML 6Page - Renesas Technology Corp ICS552-02 Datasheet HTML 7Page - Renesas Technology Corp ICS552-02 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS552-02
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
CLOCK MUX AND BUFFER
IDT™ / ICS™ LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
2
ICS552-02
REV L 051310
Pin Assignment
Input Source Select
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. Decoupling capacitors of
0.01 µF should be connected between VDD on pin 2 and GND on pin 7, and between VDD on pin 15 and
GND on pin 10, as close to the device as possible. A 33 Ω series terminating resistor should be used on
each clock output if the trace is longer than 1 inch.
To achieve the low output skews that the ICS552-02 is capable of, careful attention must be paid to board
layout. Essentially, all 8 outputs must have identical terminations, identical loads, and identical trace
geometries. If they do not, the output skew will be degraded. For example, using a 30Ω series termination
on one output (with 33Ω on the others) will cause at least 15ps of skew.
12
1
11
2
10
3
9
OE
4
VDD
5
Q0
6
VDD
7
Q1
8
Q2
Q7
Q6
Q5
Q3
Q4
INA
GND
GND
16
15
14
13
INB
SELA
16 Pin TSSOP
SELA
Input
0
INB
1
INA
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
OE
Input
Output Enable. Tri-states outputs when low. Internal pull-up resistor.
2
VDD
Power
Connect to +2.5V, +3.3V or +5.0V. Must be the same as pin 15.
3
Q0
Output
Clock Output 0
4
Q1
Output
Clock Output 1
5
Q2
Output
Clock Output 2
6
Q3
Output
Clock Output 3
7
GND
Power
Connect to ground.
8
INB
Input
Clock Input B. 5V tolerant input.
9
INA
Input
Clock Input A. 5V tolerant input.
10
GND
Power
Connect to ground.
11
Q4
Output
Clock Output 4
12
Q5
Output
Clock Output 5
13
Q6
Output
Clock Output 6
14
Q7
Output
Clock Output 7
15
VDD
Power
Connect to + 2.5V, +3.3V or +5.0V. Must be the same as pin 2.
16
SELA
Input
Selects either INA or INB. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com