Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-06 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS557-06
Description  2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-06 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS557-06 Datasheet HTML 1Page - Renesas Technology Corp ICS557-06 Datasheet HTML 2Page - Renesas Technology Corp ICS557-06 Datasheet HTML 3Page - Renesas Technology Corp ICS557-06 Datasheet HTML 4Page - Renesas Technology Corp ICS557-06 Datasheet HTML 5Page - Renesas Technology Corp ICS557-06 Datasheet HTML 6Page - Renesas Technology Corp ICS557-06 Datasheet HTML 7Page - Renesas Technology Corp ICS557-06 Datasheet HTML 8Page - Renesas Technology Corp ICS557-06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICS557-06
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PCIE FAN OUT BUFFER
IDT® 2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
4
ICS557-06
REV M 070512
Output Structures
General PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1. Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible.
2. No vias should be used between decoupling capacitor
and VDD pin.
3. The PCB trace to VDD pin should be kept as short as
possible, as should the PCB trace to the ground via.
Distance of the ferrite bead and bulk decoupling from the
device is less critical.
4. An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (any ferrite beads and bulk decoupling capacitors can
be mounted on the back). Other signal traces should be
routed away from the ICS557-06.This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
R
R
475
6*IREF
=2.3 mA
IREF
See Output Termination
Sections - Pages 3 ~ 5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com