Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-22 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS650-22
Description  PRV AND STB CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-22 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS650-22 Datasheet HTML 1Page - Renesas Technology Corp ICS650-22 Datasheet HTML 2Page - Renesas Technology Corp ICS650-22 Datasheet HTML 3Page - Renesas Technology Corp ICS650-22 Datasheet HTML 4Page - Renesas Technology Corp ICS650-22 Datasheet HTML 5Page - Renesas Technology Corp ICS650-22 Datasheet HTML 6Page - Renesas Technology Corp ICS650-22 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS650-22
PRV AND STB CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ PRV AND STB CLOCK SOURCE
3
ICS650-22
REV F 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-22. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
-
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.3
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
VDD/2
VDD/2-1
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = +25 mA
0.5
V
Output High Voltage
VOL
IOH = -8 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load, OE=1
29
mA
No Load, OE=0
13
mA
Short Circuit Current
IOS
Each output
±70
mA
Internal Pull-up Resistor
RPU
Input select
390
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com