Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-22 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-22
Description  PRV AND STB CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-22 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-22 Datasheet HTML 1Page - Renesas Technology Corp ICS650-22 Datasheet HTML 2Page - Renesas Technology Corp ICS650-22 Datasheet HTML 3Page - Renesas Technology Corp ICS650-22 Datasheet HTML 4Page - Renesas Technology Corp ICS650-22 Datasheet HTML 5Page - Renesas Technology Corp ICS650-22 Datasheet HTML 6Page - Renesas Technology Corp ICS650-22 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
PRV AND STB CLOCK SOURCE
ICS650-22
IDT™ / ICS™ PRV AND STB CLOCK SOURCE
1
ICS650-22
REV F 051310
Description
The ICS650-22 is a low-cost, low-jitter, high-performance
clock synthesizer for personal video recorders (PVR) and
set-top box (STB) applications. Using analog Phase-Locked
Loop (PLL) techniques, the device accepts a 27 MHz crystal
input to produce multiple clocks for personal video recorder
applications.
Features
• Packaged in 20-pin narrow SSOP (QSOP)
• Pb (lead) free package, RoHS compliant
• 27 MHz fundamental crystal or clock input
• Zero ppm synthesis error in all clocks
• Low skew 33.33 MHz clock outputs
• Output enable controls all outputs
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• 3.3 V +10% operating voltage
Block Diagram
Crystal
OSC
Clock
Synthesis
and Control
Circuitry
66.66 MHz
33.33 MHz
GND
4
X1/ICLK
X2
27 MHz
Fundamental
Crystal or
Clock
OE
48 MHz
100 MHz
4
VDD
6


Similar Part No. - ICS650-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
More results

Similar Description - ICS650-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
DTV, STB CLOCK SOURCE
111307
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com