Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS667-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS667-01
Description  HDTV CLOCK SYNTHESIZER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS667-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS667-01 Datasheet HTML 1Page - Renesas Technology Corp ICS667-01 Datasheet HTML 2Page - Renesas Technology Corp ICS667-01 Datasheet HTML 3Page - Renesas Technology Corp ICS667-01 Datasheet HTML 4Page - Renesas Technology Corp ICS667-01 Datasheet HTML 5Page - Renesas Technology Corp ICS667-01 Datasheet HTML 6Page - Renesas Technology Corp ICS667-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS667-01
HDTV CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ HDTV CLOCK SYNTHESIZER
3
ICS667-01
REV E 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS667-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V+ 5% unless otherwise noted, Ambient temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.150
3.3
+3.465
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.3
3.465
V
Input High Voltage
VIH
ICLK, OE
2.0
V
Input Low Voltage
VIL
ICLK, OE
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output Low Voltage
VOL
IOL = 4 mA
0.4
V
Operating Supply Current
IDD
No load
30
mA
Short Circuit Current
Each output
+50
mA
Input Capacitance
CIN
7pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com