Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS667-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS667-01
Description  HDTV CLOCK SYNTHESIZER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS667-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS667-01 Datasheet HTML 1Page - Renesas Technology Corp ICS667-01 Datasheet HTML 2Page - Renesas Technology Corp ICS667-01 Datasheet HTML 3Page - Renesas Technology Corp ICS667-01 Datasheet HTML 4Page - Renesas Technology Corp ICS667-01 Datasheet HTML 5Page - Renesas Technology Corp ICS667-01 Datasheet HTML 6Page - Renesas Technology Corp ICS667-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS667-01
HDTV CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ HDTV CLOCK SYNTHESIZER
4
ICS667-01
REV E 051310
AC Electrical Characteristics
VDD =3.3V+ 5%, CL=15pF unless otherwise noted, Ambient Temperature 0 to +70° C
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. Bottom marking: (origin)
Origin = country of origin if other than USA.
4. “LF” denotes Pb (lead) free package.
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency
FIN
27
MHz
Frequency Error, Output Clock
0
ppm
Output Clock Rise Time
tOR
0.8 to 2.0 V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V
1.5
ns
Output Clock Duty Cycle
at 1.4 V
40
50
60
%
Maximum Absolute Jitter, short term
tja
Deviation from mean
200
ps
Maximum Absolute Jitter, Long term
term over 1µs
tjl
Deviation from mean
500
ps
Output Enable Time
OE going from Low to
High
20
ns
Internal Pull-up Resistor
RPUP
OE pin
750
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
667M01LF
######
YYWW$$
14
5
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com