Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS25 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFS25
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFS25 Datasheet HTML 1Page - NXP Semiconductors BFS25 Datasheet HTML 2Page - NXP Semiconductors BFS25 Datasheet HTML 3Page - NXP Semiconductors BFS25 Datasheet HTML 4Page - NXP Semiconductors BFS25 Datasheet HTML 5Page - NXP Semiconductors BFS25 Datasheet HTML 6Page - NXP Semiconductors BFS25 Datasheet HTML 7Page - NXP Semiconductors BFS25 Datasheet HTML 8Page - NXP Semiconductors BFS25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
December 1997
DISCRETE SEMICONDUCTORS
BFS25A
NPN 5 GHz wideband transistor


Similar Part No. - BFS25

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BFS2523A024 LOVATO-BFS2523A024 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 24VAC, 2NO3NC AUXILIARY CONTACT
BFS2523A230 LOVATO-BFS2523A230 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 230VAC, 2NO3NC AUXILIARY CONTACT
BFS2523D024 LOVATO-BFS2523D024 Datasheet
223Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, DC COIL, 24VDC, 2NO3NC AUXILIARY CONTACT
logo
SAMWHA ELECTRIC
BFS2550A0B SAMWHA-BFS2550A0B Datasheet
333Kb / 3P
BEAD Filter
BFS2550A0F SAMWHA-BFS2550A0F Datasheet
333Kb / 3P
BEAD Filter
More results

Similar Description - BFS25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
NPN 5 GHz wideband transistor
1995 Sep 18
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com