Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS25 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFS25
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFS25 Datasheet HTML 1Page - NXP Semiconductors BFS25 Datasheet HTML 2Page - NXP Semiconductors BFS25 Datasheet HTML 3Page - NXP Semiconductors BFS25 Datasheet HTML 4Page - NXP Semiconductors BFS25 Datasheet HTML 5Page - NXP Semiconductors BFS25 Datasheet HTML 6Page - NXP Semiconductors BFS25 Datasheet HTML 7Page - NXP Semiconductors BFS25 Datasheet HTML 8Page - NXP Semiconductors BFS25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
December 1997
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFS25A
FEATURES
• Low current consumption
• Low noise figure
• Gold metallization ensures
excellent reliability
• SOT323 envelope.
DESCRIPTION
NPN transistor in a plastic SOT323
envelope.
It is designed for use in RF amplifiers
and oscillators in pagers and pocket
phones with signal frequencies up to
2 GHz.
PINNING
PIN
DESCRIPTION
Code: N6
1
base
2
emitter
3
collector
Fig.1 SOT323.
handbook, 2 columns
3
12
MBC870
Top view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
8V
VCEO
collector-emitter voltage
open base
−−
5V
IC
DC collector current
−−
6.5
mA
Ptot
total power dissipation
up to Ts = 170 °C; note 1
−−
32
mW
hFE
DC current gain
IC = 0.5 mA; VCE = 1 V; Tj =25 °C
50
80
200
fT
transition frequency
IC = 1 mA; VCE = 1 V; f = 1 GHz;
Tamb =25 °C
3.5
5
GHz
GUM
maximum unilateral power gain
Ic = 0.5 mA; VCE = 1 V; f = 1 GHz;
Tamb =25 °C
13
dB
F
noise figure
Ic = 0.5 mA; VCE = 1 V; f = 1 GHz;
Tamb =25 °C
1.8
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
8V
VCEO
collector-emitter voltage
open base
5V
VEBO
emitter-base voltage
open collector
2V
IC
DC collector current
6.5
mA
Ptot
total power dissipation
up to Ts = 170 °C; note 1
32
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com