Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5259EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD5259EVAL
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5259EVAL Datasheet HTML 4Page - Analog Devices AD5259EVAL Datasheet HTML 5Page - Analog Devices AD5259EVAL Datasheet HTML 6Page - Analog Devices AD5259EVAL Datasheet HTML 7Page - Analog Devices AD5259EVAL Datasheet HTML 8Page - Analog Devices AD5259EVAL Datasheet HTML 9Page - Analog Devices AD5259EVAL Datasheet HTML 10Page - Analog Devices AD5259EVAL Datasheet HTML 11Page - Analog Devices AD5259EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 8 of 14
two dummy bytes and proceed directly to the “Slave Address Byte” which would be followed by the “Read Back Data”.
Calculating RAB Tolerance Stored in Read-Only Memory
AA
D7
D6
D5
D4
D3
D2
D1
D0
SIGN
SIGN
7 BITS FOR INTEGER NUMBER
26
25
24
23
22
21
20
A
D7
D6
D5
D4
D3
D2
D1
D0
8 BITS FOR DECIMAL NUMBER
2–8
2–1
2–2
2–3
2–4
2–5
2–6
2–7
Figure 5. Format of Stored Tolerance in Sign Magnitude Format with Bit Position Descriptions. (Unit is percent. Only data bytes are shown.)
The AD5259 features a patented RAB tolerance storage in the nonvolatile memory. The tolerance is stored in the memory during factory
production and can be read by users at any time. The knowledge of stored tolerance allows users to calculate RAB accurately. This feature is
valuable for precision, rheostat mode, and open-loop applications where knowledge of absolute resistance is critical.
The stored tolerance resides in the read-only memory, and is expressed as a percentage. The tolerance is stored in two memory locations
in sign magnitude binary form(see Figure 5). The two EEMEM address bytes are 11110(sign+integer) and 11111 (decimal number). The
two bytes can be accessed individually in two separate commands(see Table 13ii). Alternatively, in order to allow read back of the first
byte followed by the second byte in one command(see Table 13i), the memory pointer will automatically increment from the first to the
second EEMEM locations(increments from 11110 to 11111) if read consecutively.
In the first memory location, the MSB is designated for the sign (0 = + and 1= –) and the 7 LSBs are designated for the integer portion of
the tolerance. In the second memory location, all eight data bits are designated for the decimal portion of tolerance. For example, if the
rated RAB = 10 kΩ and the data readback from Address 11110 shows 0001 1100 and Address 11111 shows 0000 1111, then the tolerance
can be calculated as
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = +28.06% and therefore
RAB_ACTUAL = 12.806 kΩ
EEMEM Write-Acknowledge Polling
After each write operation to the EEMEM registers, an internal write cycle begins. The I2C interface of the device is disabled. To
determine if the internal write cycle is complete and the I2C interface is enabled, interface polling can be executed. I2C interface polling
can be conducted by sending a start condition followed by the slave address + the write bit. If the I2C interface responds with an ACK, the
write cycle is complete and the interface is ready to proceed with further operations. Other-wise, I2C interface polling can be repeated
until it succeeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com