Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5259EVAL Datasheet(PDF) 1 Page - Analog Devices

Part # AD5259EVAL
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259EVAL Datasheet(HTML) 1 Page - Analog Devices

  AD5259EVAL Datasheet HTML 1Page - Analog Devices AD5259EVAL Datasheet HTML 2Page - Analog Devices AD5259EVAL Datasheet HTML 3Page - Analog Devices AD5259EVAL Datasheet HTML 4Page - Analog Devices AD5259EVAL Datasheet HTML 5Page - Analog Devices AD5259EVAL Datasheet HTML 6Page - Analog Devices AD5259EVAL Datasheet HTML 7Page - Analog Devices AD5259EVAL Datasheet HTML 8Page - Analog Devices AD5259EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Nonvolatile, I2C Compatible
256-Position, Digital Potentiometer
Preliminary Technical Data
AD5259
Rev. PrJ 7/22/04 | Page 1 of 14
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Nonvolatile memoy maintains wiper settings
256-position
Compact MSOP-10 (3 mm × 4.9 mm) package
I2C® compatible interface
VLOGIC pin provides increased interface flexibility.
End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Resistance tolerance stored in EEMEM(0.1% accuracy)
Power On EEMEM Refresh Time < 1ms
Software write protect command
Tri-state address decode pins AD0 and AD1
100-year typical data retention at 55°C
Wide operating temperature –40°C to +85°C
+3V to +5V single-supply
APPLICATIONS
LCD panel VCOM adjustment
LCD panel brightness and contrast control
Mechanical potentiometer replacement in new designs
Programmable power supplies
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
Low resolution DAC replacement
Electronics level settings
GENERAL OVERVIEW
The AD5259 provides a compact nonvolatile 3 mm × 4.9 mm
packaged solution for 256-position adjustment applications.
These devices perform the same electronic adjustment function
as mechanical potentiometers or variable resistors, with
enhanced resolution and solid-state reliability.
The wiper settings are controllable through an I2C compatible
digital interface, which can also be used to read back the wiper
register and EEMEM content. Resistor tolerance is also stored
within EEMEM and can be used to provide an end-to-end
tolerance accuracy of 0.1%. In order to provide added security,
command bits are available to place the part into a write protect
mode in which data can not be written to the EEMEM register.
In addition, a separate VLOGIC pin provides the user with
increased interface flexibility. For users who need multiple
parts on one bus, address bits AD0 and AD1 allow up to nine
devices on the same bus.
FUNCTIONAL BLOCK DIAGRAMS
DATA
CONTROL
RDAC EEPROM
COMMAND DECODE LOGIC
ADDRESS DECODE LOGIC
CONTROL LOGIC
RDAC1
REGISTER
A1
W1
B1
RDAC1
SCL
SDA
I2C
SERIAL
INTERFACE
AD0
VDD
VLOGIC
8
POWER
ON RESET
8
DGND
AD1
Figure 1.
Figure 3. Pinout.
Note:
The terms digital potentiometer, VR, and RDAC are used interchangeably.
Purchase of licensed I
2C components of Analog Devices or one of its sublicensed
Associated Companies conveys a license for the purchaser under the Philips I
2C
Patent Rights to use these components in an I
2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.
1
2
3
4
5
10
9
8
7
6
W
AD0
AD1
SDA
SCL
AD5259
TOP VIEW
(Not to Scale)
A
B
VDD
GND
VLOGIC


Similar Part No. - AD5259EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5259 AD-AD5259 Datasheet
606Kb / 24P
Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results

Similar Description - AD5259EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com