Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2510C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS2510C
Description  3.3V Phase-Lock Loop Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2510C Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS2510C Datasheet HTML 1Page - Renesas Technology Corp ICS2510C Datasheet HTML 2Page - Renesas Technology Corp ICS2510C Datasheet HTML 3Page - Renesas Technology Corp ICS2510C Datasheet HTML 4Page - Renesas Technology Corp ICS2510C Datasheet HTML 5Page - Renesas Technology Corp ICS2510C Datasheet HTML 6Page - Renesas Technology Corp ICS2510C Datasheet HTML 7Page - Renesas Technology Corp ICS2510C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS2510C
0010G—09/22/09
Absolute Maximum Ratings
Supply Voltage (AVCC) . . . . . . . . . . . . . . . . . AVCC < (Vcc + 0.7V)
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . 4.3 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to Vcc +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - OUTPUT
TA = 0 - 70°C; VDD = VDDL = 3.3 V +/-10%; CL = 20 - 30 pF; RL = 470 Ohms (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP
VO = VDD*(0.5)
36
Ω
Output Impedance
RDSN
VO = VDD*(0.5)
32
Ω
Output High Voltage
VOH
IOH = -8 mA
2.4
2.9
V
Output Low Voltage
VOL
IOL = 8 mA
0.25
0.4
V
VOH = 2.4 V
-26
-13.6
VOH = 2.0 V
-37
-22
VOL = 0.8 V
19
25
VOL = 0.55 V
13
17
Rise Time
1
Tr
VOL = 0.8 V, VOH = 2.0 V
0.5
1.4
2.1
ns
Fall Time
1
Tf
VOH = 2.0 V, VOL = 0.8 V
0.5
1.5
2.7
ns
Duty Cycle
1
Dt
VT = 1.5 V;CL=30 pF
45
50
55
%
at 66-100 MHz ; loaded outputs
52
100
at 133 MHz ; loaded outputs
39
75
Absolute Jitter
1
Tjabs
10000 cycles; CL = 30 pF
57
ps
Skew
1
Tsk
VT = 1.5 V (Window) Output to Output
80
150
ps
Phase error
1
Tpe
VT = Vdd/2; CLKIN-FBIN
-150
40
150
ps
Phase error Jitter
1
Tpe
3
VT = Vdd/2; CLKIN-FBIN; Delay Jitter
-50
35
50
ps
Delay Input-Output
1
DR1
VT = 1.5 V; PLL_EN = 0
3.3
3.7
ns
1 Guaranteed by design, not 100% tested in production.
Cycle to Cycle jitter
1
Tcyc-cyc
ps
Output High Current
Output Low Current
IOH
IOL
mA
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com