Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2510C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS2510C
Description  3.3V Phase-Lock Loop Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2510C Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS2510C Datasheet HTML 1Page - Renesas Technology Corp ICS2510C Datasheet HTML 2Page - Renesas Technology Corp ICS2510C Datasheet HTML 3Page - Renesas Technology Corp ICS2510C Datasheet HTML 4Page - Renesas Technology Corp ICS2510C Datasheet HTML 5Page - Renesas Technology Corp ICS2510C Datasheet HTML 6Page - Renesas Technology Corp ICS2510C Datasheet HTML 7Page - Renesas Technology Corp ICS2510C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS2510C
0010G—09/22/09
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
Fclk
Input clock
frequency
25
175
MHz
Input clock
frequency duty
cycle
40
60
%
Stabilization time
After power up
1
ms
Timing requirements over recommended ranges of supply
voltage and operating free-air temperature
Note: Time required for the PLL circuit to obtain phase lock of its feedback signal to its
In order for phase lock to be obtained, a fixed-frequency, fixed-phase reference signal
Until phase lock is obtained, the specifications for parameters given in the switching
Electrical Characteristics - Input & Supply
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-10% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
100
uA
Input Low Current
IIL
VIN = 0 V;
19
50
uA
Operating current
IDD1
CL = 0 pF; FIN @ 66M
140
170
mA
Input Capacitance
CIN
1
Logic Inputs
4
pF
Output Capacitance
CO
1
Logic Outputs
8
pF
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com