Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS851S201I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS851S201I
Description  2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS851S201I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS851S201I Datasheet HTML 9Page - Renesas Technology Corp ICS851S201I Datasheet HTML 10Page - Renesas Technology Corp ICS851S201I Datasheet HTML 11Page - Renesas Technology Corp ICS851S201I Datasheet HTML 12Page - Renesas Technology Corp ICS851S201I Datasheet HTML 13Page - Renesas Technology Corp ICS851S201I Datasheet HTML 14Page - Renesas Technology Corp ICS851S201I Datasheet HTML 15Page - Renesas Technology Corp ICS851S201I Datasheet HTML 16Page - Renesas Technology Corp ICS851S201I Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS851S201I FEBRUARY 1, 2018
13
©2018 Integrated Device Technology, Inc.
ICS851S201I Datasheet
2:2 DIFFERENTIAL-TO-HCSL MULTIPLEXER
Reliability Information
Table 7.
JA vs. Air Flow Table for a 16 Lead VFQFPN
Transistor Count
The transistor count for ICS851S201I is: 713
Package Outline Drawings
The package outline drawings are located at the end of this document. The package information is the most current data available and is
subject to change without notice or revision of this document.
Ordering Information
Table 9. Ordering Information
JA by Velocity
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
74.7°C/W
65.3°C/W
58.5°C/W
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
851S201CKILF
1CIL
“Lead-Free” 16 Lead VFQFPN
Tube
-40
C to 85C
851S201CKILFT
1CIL
“Lead-Free” 16 Lead VFQFPN
Tape & Reel
-40
C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com