Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS851S201I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS851S201I
Description  2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS851S201I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS851S201I Datasheet HTML 1Page - Renesas Technology Corp ICS851S201I Datasheet HTML 2Page - Renesas Technology Corp ICS851S201I Datasheet HTML 3Page - Renesas Technology Corp ICS851S201I Datasheet HTML 4Page - Renesas Technology Corp ICS851S201I Datasheet HTML 5Page - Renesas Technology Corp ICS851S201I Datasheet HTML 6Page - Renesas Technology Corp ICS851S201I Datasheet HTML 7Page - Renesas Technology Corp ICS851S201I Datasheet HTML 8Page - Renesas Technology Corp ICS851S201I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ICS851S201I FEBRUARY 1, 2018
2
©2018 Integrated Device Technology, Inc.
ICS851S201I Datasheet
2:2 DIFFERENTIAL-TO-HCSL MULTIPLEXER
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK0
Input
Pulldown
Non-inverting differential HCSL clock input.
2
nCLK0
Input
Pullup/
Pulldown
Inverting differential HCSL clock input. VDD/2 default when left floating.
3
CLK1
Input
Pulldown
Non-inverting differential HCSL clock input.
4
nCLK1
Input
Pullup/
Pulldown
Inverting differential HCSL clock input. VDD/2 default when left floating.
5, 13
VDD
Power
Positive supply pins.
6
LLAR
Input
Pulldown
Low Level Alarm Reset. When HIGH, resets LLA latch. Must be LOW to
allow LLA to set. LVCMOS/LVTTL interface levels.
7
LLA
Output
Low Level Alarm. When HIGH, low level input has been detected on
selected differential input (latched).
8, 16
GND
Power
Power supply ground.
9, 10
Q1, nQ1
Output
Differential output pair. HCSL interface levels.
11, 12
Q0, nQ0
Output
Differential output pair. HCSL interface levels.
14
IREF
Input
External fixed precision resistor (475
from this pin to ground provides a
reference current used for differential current-mode Qx, nQx clock outputs.
15
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK1, nCLK1 inputs. When LOW,
selects CLK0, nCLK0 inputs. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
50
k
RPULLUP
Input Pullup Resistor
50
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com