Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8523I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8523I Datasheet HTML 1Page - Renesas Technology Corp ICS8523I Datasheet HTML 2Page - Renesas Technology Corp ICS8523I Datasheet HTML 3Page - Renesas Technology Corp ICS8523I Datasheet HTML 4Page - Renesas Technology Corp ICS8523I Datasheet HTML 5Page - Renesas Technology Corp ICS8523I Datasheet HTML 6Page - Renesas Technology Corp ICS8523I Datasheet HTML 7Page - Renesas Technology Corp ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
ICS8523CGI REVISION E NOVEMBER 15, 2012
1
©2012 Integrated Device Technology, Inc.
Low Skew, 1-to-4, Differential-to-HSTL
Fantout Buffer
ICS8523I
General Description
The ICS8523I is a low skew, high performance 1-to-4
Differential-to-HSTL Fanout Buffer. The ICS8523I has two selectable
clock inputs. The CLK, nCLK pair can accept most standard
differential input levels. The PCLK, nPCLK pair can accept LVPECL,
CML, or SSTL input levels. The clock enable is internally
synchronized to eliminate runt pulses on the outputs during
asynchronous assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8523I ideal for those applications demanding well defined
performance and repeatability.
Features
• Four differential HSTL compatible outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, HSTL, HCSL, SSTL
• PCLK, nPCLK pair can accept the following differential input
levels: LVPECL, CML, SSTL
• Maximum output frequency: 650MHz
• Translates any single-ended input signal to HSTL levels with
resistor bias on nCLK input
• Additive phase jitter, RMS: 0.082ps (typical), 100MHz f
OUT
• Additive phase jitter, RMS: 0.190ps (typical), 120MHz f
OUT
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.6ns (maximum)
• 3.3V core, 1.8V output operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free packages
Pin Assignment
Block Diagram
CLK
nCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
CLK_EN
CLK_SEL
D
Q
LE
0
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pulldown
1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nc
nc
nPCLK
PCLK
nCLK
CLK
CLK_SEL
CLK_EN
GND
VDD
Q0
nQ0
VDDO
Q1
nQ1
Q2
nQ2
VDDO
Q3
nQ3
ICS8523I
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm package body
G Package
Top View


Similar Part No. - ICS8523I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
More results

Similar Description - ICS8523I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com