Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8523I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8523I Datasheet HTML 10Page - Renesas Technology Corp ICS8523I Datasheet HTML 11Page - Renesas Technology Corp ICS8523I Datasheet HTML 12Page - Renesas Technology Corp ICS8523I Datasheet HTML 13Page - Renesas Technology Corp ICS8523I Datasheet HTML 14Page - Renesas Technology Corp ICS8523I Datasheet HTML 15Page - Renesas Technology Corp ICS8523I Datasheet HTML 16Page - Renesas Technology Corp ICS8523I Datasheet HTML 17Page - Renesas Technology Corp ICS8523I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
14
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the HSTL output pair.
HSTL output driver circuit and termination are shown in Figure 6.
Figure 6. HSTL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (VOH_MAX /RL) * (VDDO_MAX - VOH_MAX)
Pd_L = (VOL_MAX /RL) * (VDDO_MAX - VOL_MAX)
Pd_H = (0.9V/50
) * (2V - 0.9V) = 19.8mW
Pd_L = (0.4V/50
) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32.6mW
V
OUT
V
DDO
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com