Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8530-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS8530-01
Description  Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8530-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS8530-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
4
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Table 4B. Differential Input DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4C. LVPECL DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CCO – 2V.
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal equilibrium has
been reached under these conditions.
NOTE All parameters measured at 250MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross
points.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VIN = VCC = 3.465V
150
µA
nCLK
VIN = VCC = 3.465V
5
µA
IIL
Input Low Current
CLK
VIN = 0V, VCC = 3.465V
-5
µA
nCLK
VIN = 0V, VCC = 3.465V
-150
µA
VPP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
VEE + 0.5
VCC – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
500
MHz
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section
106.25MHz,
Integration Range: 12kHz – 20MHz
0.03
ps
tPD
Propagation Delay; NOTE 1
ƒ
 500MHz
1
2
ns
tsk(o)
Output Skew; NOTE 2, 3
75
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
148
305
ps
tR / tF
Output Rise/ Fall Time
20% to 80% @ 50MHz
300
750
ps
odc
Output Duty Cycle
47
50
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com