Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8530-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8530-01
Description  Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8530-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8530-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
1
©2012 Integrated Device Technology, Inc.
Low Skew, 1-to16, Differential-to-3.3V
LVPECL Fanout Buffer
ICS8530-01
General Description
The ICS8530-01 is a low skew, 1-to-16 Differential-to-3.3V LVPECL
Fanout Buffer. The CLK, nCLK pair can accept most standard
differential input levels. The high gain differential amplifier accepts
peak-to-peak input voltages as small as 150mV as long as the
common mode voltage is within the specified minimum and
maximum range.
Guaranteed output and part-to-part skew characteristics make the
ICS8530-01 ideal for those clock distribution applications
demanding well defined performance and repeatability.
Features
• Sixteen differential 3.3V LVPECL outputs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with a resistor bias on nCLK input
• Output skew: 75ps (maximum)
• Part-to-part skew: 305ps (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• Full 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCCO
Q11
nQ11
Q10
nQ10
VEE
Q9
nQ9
Q8
nQ8
VCCO
VCC
CLK
VCCO
nQ0
Q0
nQ1
Q1
VEE
nQ2
Q2
nQ3
Q3
VCCO
48 47 46 45 44 43 42 41 40 39 38 37
Pulldown
Pullup
Q15
nQ15
CLK
nCLK
Q14
Q13
Q12
nQ14
nQ13
nQ12
Q11
nQ11
Q10
Q9
Q8
nQ10
nQ9
nQ8
Q0
nQ0
Q1
Q2
Q3
nQ1
nQ2
nQ3
Q4
nQ4
Q5
Q6
Q7
nQ5
nQ6
nQ7
Block Diagram
Pin Assignment
ICS8530-01
48-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View


Similar Part No. - ICS8530-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
logo
Integrated Device Techn...
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
More results

Similar Description - ICS8530-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8530 IDT-8530 Datasheet
272Kb / 16P
Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com