Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8534I-13 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8534I-13
Description  Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8534I-13 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8534I-13 Datasheet HTML 9Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 10Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 11Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 12Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 13Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 14Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 15Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 16Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS8534BMI-13 REVISION C AUGUST 9, 2013
13
©2013 Integrated Device Technology, Inc.
ICS8534I-13 Data Sheet
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS- TO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
Termination for 2.5V LVPECL Outputs
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCCO – 2V. For VCCO = 2.5V, the VCCO – 2V is very close to
-LVCMOS ground level. The R3 in Figure 5B can be eliminated and
the termination is shown in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+
–
Figure 5B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com