Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8534I-13 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8534I-13
Description  Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8534I-13 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8534I-13 Datasheet HTML 1Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 2Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 3Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 4Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 5Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 6Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 7Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 8Page - Renesas Technology Corp ICS8534I-13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS8534BMI-13 REVISION C AUGUST 9, 2013
2
©2013 Integrated Device Technology, Inc.
ICS8534I-13 Data Sheet
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS- TO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follows clock input.
When LOW, Q outputs are forced low, nQ0 output is forced high. LVCMOS
/ LVTTL interface levels.
2,
3
XTAL_IN,
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input.
XTAL_OUT is the output.
4VCC
Power
Positive supply pin.
5
CLK
Input
Pulldown
Clock input. LVCMOS / LVTTL interface levels.
6
CLK_SEL
Input
Pullup
Clock select input. When HIGH, selects XTAL inputs.
When LOW, selects CLK input. LVCMOS / LVTTL interface levels.
7, 12
VEE
Power
Negative supply pins.
8VCCO_LVPECL
Power
Output power supply mode for LVPECL clock outputs.
9, 10
Q0, nQ0
Output
Differential clock outputs. LVPECL interface levels.
11
nc
Unused
No connect.
13, 15, 16
Q1, Q2, Q3
Output
Single ended clock outputs. LVCMOS / LVTTL interface levels.
14
VCCO_LVCMOS
Power
Output power supply mode for LVCMOS / LVTTL clock outputs.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
Crystal Not Included
4
pF
CPD
Power Dissipation
Capacitance (per
output)
Q[1:3]
VCC, VCC_LVCMOS = 3.465V
8
pF
VCC, VCC_LVCMOS = 2.625V
5
pF
RPULUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output Impedance
Q[1:3]
VCC, VCC_LVCMOS = 3.465V
15
VCC, VCC_LVCMOS = 2.625V
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com