Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S012I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS853S012I
Description  12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S012I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS853S012I Datasheet HTML 9Page - Renesas Technology Corp ICS853S012I Datasheet HTML 10Page - Renesas Technology Corp ICS853S012I Datasheet HTML 11Page - Renesas Technology Corp ICS853S012I Datasheet HTML 12Page - Renesas Technology Corp ICS853S012I Datasheet HTML 13Page - Renesas Technology Corp ICS853S012I Datasheet HTML 14Page - Renesas Technology Corp ICS853S012I Datasheet HTML 15Page - Renesas Technology Corp ICS853S012I Datasheet HTML 16Page - Renesas Technology Corp ICS853S012I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
©2017 Integrated Device Technology, Inc.
August 23, 2017
ICS853S012I Datasheet
Termination for 2.5V LVPECL Outputs
Figure 5A
and Figure 5B show examples of termination for 2.5V LVPECL driver. These terminations are equivalent to terminating 50
 to
VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to ground level. The R3 in Figure 5B can be eliminated and the termination is shown
in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5B. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
Ω
50
Ω
R1
250
Ω
R3
250
Ω
R2
62.5
Ω
R4
62.5
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
R3
18
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com