Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S012I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS853S012I
Description  12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S012I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS853S012I Datasheet HTML 1Page - Renesas Technology Corp ICS853S012I Datasheet HTML 2Page - Renesas Technology Corp ICS853S012I Datasheet HTML 3Page - Renesas Technology Corp ICS853S012I Datasheet HTML 4Page - Renesas Technology Corp ICS853S012I Datasheet HTML 5Page - Renesas Technology Corp ICS853S012I Datasheet HTML 6Page - Renesas Technology Corp ICS853S012I Datasheet HTML 7Page - Renesas Technology Corp ICS853S012I Datasheet HTML 8Page - Renesas Technology Corp ICS853S012I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
©2017 Integrated Device Technology, Inc.
August 23, 2017
ICS853S012I Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Number
Name
Type
Description
1
CLK2
Input
Pulldown
Non-inverting differential clock input.
2
nCLK2
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
3VCC
Power
Positive supply pin.
4, 5
Q, nQ
Output
Differential output pair. LVPECL interface levels.
6VEE
Power
Negative supply pin.
7
CLK3
Input
Pulldown
Non-inverting differential clock input.
8
nCLK3
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
9
nCLK4
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
10
CLK4
Input
Pulldown
Inverting differential clock input.
11
nCLK5
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
12
CLK5
Input
Pulldown
Inverting differential clock input.
13
CLK6
Input
Pulldown
Non-inverting differential clock input.
14
nCLK6
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
15
CLK7
Input
Pulldown
Non-inverting differential clock input.
16
nCLK7
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
17
nCLK8
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
18
CLK8
Input
Pulldown
Inverting differential clock input.
19, 20,
21, 22
SEL3, SEL2,
SEL1, SEL0
Input
Pulldown
Clock select input pins. LVCMOS/LVTTL interface levels.
23
nCLK9
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
24
CLK9
Input
Pulldown
Inverting differential clock input.
25
nCLK10
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
26
CLK10
Input
Pulldown
Inverting differential clock input.
27
nCLK11
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
28
CLK11
Input
Pulldown
Inverting differential clock input.
29
CLK0
Input
Pulldown
Inverting differential clock input.
30
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
31
CLK1
Input
Pulldown
Inverting differential clock input.
32
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com