Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX85 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFX85
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFX85 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFX85 Datasheet HTML 1Page - NXP Semiconductors BFX85 Datasheet HTML 2Page - NXP Semiconductors BFX85 Datasheet HTML 3Page - NXP Semiconductors BFX85 Datasheet HTML 4Page - NXP Semiconductors BFX85 Datasheet HTML 5Page - NXP Semiconductors BFX85 Datasheet HTML 6Page - NXP Semiconductors BFX85 Datasheet HTML 7Page - NXP Semiconductors BFX85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Apr 22
4
Philips Semiconductors
Product specification
NPN switching transistor
BFX85
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =80V
−
250
nA
IE = 0; VCB =80V; Tj = 100 °C
−
0.1
2.5
µA
IE = 0; VCB = 100 V
−
10
500
nA
IE = 0; VCB = 100 V; Tj = 100 °C
−
0.5
30
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−
250
nA
IC = 0; VEB =5V; Tj = 100 °C
−
0.1
2.5
µA
IC = 0; VEB =6V
−
10
500
nA
hFE
DC current gain
IC = 10 mA; VCE =10V
50
90
−
IC = 150 mA; VCE = 10 V
70
142
−
IC = 500 mA; VCE = 10 V
30
90
−
IC = 1 A; VCE = 10 V
15
50
−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB =1mA
−
150
200
mV
IC = 150 mA; IB =15mA
−
150
350
mV
IC = 500 mA; IB =50mA
−
0.35
1
V
IC = 1 A; IB = 100 mA
−
0.66
1.6
V
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB =1mA
−
0.69
1.2
V
IC = 150 mA; IB =15mA
−
0.92
1.3
V
IC = 500 mA; IB =50mA
−
1.15
1.5
V
IC = 1 A; IB = 100 mA
−
1.4
2
V
Cc
collector capacitance
IE =ie = 0; VCB =10V; f=1MHz
−
712
pF
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
50
185
−
MHz
Switching Times (between 10% and 90% levels) see Fig.2
ton
turn-on time
ICon = 150 mA; IBon =15mA;
IBoff = −15 mA
−
55
−
ns
td
delay time
−
15
−
ns
tr
rise time
−
40
−
ns
toff
turn-off time
−
360
−
ns
ts
storage time
−
300
−
ns
tf
fall time
−
60
−
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com