Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUTX4000000 Datasheet(PDF) 4 Page - TELTONIKA NETWORKS.

Part # RUTX4000000
Description  RUTX14
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.

RUTX4000000 Datasheet(HTML) 4 Page - TELTONIKA NETWORKS.

  RUTX4000000 Datasheet HTML 1Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 2Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 3Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 4Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 5Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 6Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 7Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 8Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 9Page - TELTONIKA NETWORKS. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Multiple clients and a server can run simultaneously, 12 encryption methods
DES-CBC, RC2-CBC, DES-EDE-CBC, DES-EDE3-CBC, DESX-CBC, BF-CBC, RC2-40-CBC, CAST5-CBC, RC2-64-CBC, AES-128-CBC,
AES-192-CBC, AES-256-CBC
OpenVPN Encryption
VPN
OpenVPN
Pre-shared key, digital certificates, X.509 certificates
Pre-configured firewall rules can be enabled via WebUI, unlimited firewall configuration via CLI; DMZ; NAT; NAT-T
DDOS prevention (SYN flood protection, SSH attack prevention, HTTP/HTTPS attack prevention), port scan prevention (SYN-FIN,
SYN-RST, X-mas, NULL flags, FIN scan attacks)
Attack prevention
Authentication
Firewall
Port and tag based VLAN separation
Custom data limits for both SIM cards
VLAN
Mobile quota control
Blacklist for blocking out unwanted websites, Whitelist for specifying allowed sites only
Flexible access control of TCP, UDP, ICMP packets, MAC address filter
WEB filter
Access control
IKEv1, IKEv2, with 5 encryption methods for IPsec (DES, 3DES, AES128, AES192, AES256)
GRE tunnel
IPsec
GRE
Client/Server instances can run simultaneously, L2TPv3 support
Proxy designed to add TLS encryption functionality to existing clients and servers without any changes in the program’s code
PPTP, L2TP
Stunnel
Method of building scalable IPsec VPNs
SSTP client instance support
DMVPN
SSTP
SECURITY
01, 02, 03, 04, 05, 06, 15, 16
8 bit: INT, UINT; 16 bit: INT, UINT (MSB or LSB first); 32 bit: float, INT, UINT (ABCD (big-endian), DCBA (little-endian), CDAB,
BADC), HEX, ASCII
Supported data formats
MODBUS TCP MASTER
Supported functions
Allows sending commands and receiving data from Modbus Master trough MQTT broker
MQTT GATEWAY
Gateway
HTTP(S), MQTT, Azure MQTT, Kinesis
DATA TO SERVER
Protocols
Allow access through WAN
Modbus TCP custom register block, which allows to read/write to a file inside the router, and can be used to extend Modbus
TCP slave functionality
MODBUS TCP SLAVE
Allow remote access
Custom registers
Respond to one ID in range [1;255] or any
ID filtering
ZeroTier VPN client support
WireGuard VPN client and server support
ZeroTier
WireGuard
IoT PLATFORMS
Can send device IP, Number of bytes send/received/ 3G connection state, Network link state, IMEI, ICCID, Model, Manufacturer,
Serial, Revision, IMSI, Sim State, PIN state, GSM signal, WCDMA RSCP, WCDMA EC/IO, LTE RSRP, LTE SINR, LTE RSRQ, CELL ID,
Operator, Operator number, Connection type, Temperature, PIN count to Azure IoT Hub server
Azure IoT Hub
Allows monitoring of: Device Model, Revision and Serial Number, Mobile Cell ID, ICCID, IMEI, Connection Type, Operator, Signal
Strength, WAN Type and IP
Cumulocity
Allows monitoring of: Device data, Mobile data, Network info, Availability
Allows monitoring of: WAN Type, WAN IP Mobile Operator Name, Mobile Signal Strength, Mobile Network Type
Clouds of things
ThingWorx
DATASHEET // RUTX14
Copyright © 2022, TELTONIKA NETWORKS. Specifications and information given in this document are subject to change by TELTONIKA NETWORKS without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com