Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUTX4000000 Datasheet(PDF) 7 Page - TELTONIKA NETWORKS.

Part # RUTX4000000
Description  RUTX14
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.

RUTX4000000 Datasheet(HTML) 7 Page - TELTONIKA NETWORKS.

Back Button RUTX4000000 Datasheet HTML 3Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 4Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 5Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 6Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 7Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 8Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 9Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 10Page - TELTONIKA NETWORKS. RUTX4000000 Datasheet HTML 11Page - TELTONIKA NETWORKS. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
1. To enter the router's Web interface (WebUI), type http://192.168.1.1 into the URL field of your Internet browser.
2. Use login information shown in image A when prompted for authentication.
3. After you log in, you will be prompted to change your password for security reasons. The new password must contain at least 8 characters,
including at least one uppercase letter, one lowercase letter, and one digit. This step is mandatory, and
you will not be able to interact with
the router's WebUI before you change the password.
4. When you change the router's password, the Configuration Wizard will start. The Configuration Wizard is a tool used to set up some of the
router's main operating parameters.
5. Go to the Overview page and pay attention to the Signal Strength indication (image B). To maximize the cellular performance try adjusting
the antennas or changing the location of your device to achieve the best signal conditions.
A.
B.
admin
admin01
Bytes received/sent*
SIM card slot in use
Data connection state
State
-50 dBm
Connected
Registered (home); OPERATOR; 4G (LTE)
Ready
348.7 KB / 223.5 KB
LOGIN TO DEVICE
1. Pull out the SIM needle from the front panel of the router and push the SIM holder button with the SIM needle.
2. Pull out the SIM holder.
3. Insert your SIM card into the SIM holder.
4. Slide the SIM holder back into the router.
5. Attach all antennas.
6. Connect the power adapter to the socket on the front of the device. Then plug the other end of the power adapter into a power outlet.
7. Connect to the device wirelessly using SSID and password provided on the device information label or use an Ethernet cable connected to
LAN port.
HARDWARE INSTALLATION
*Order code dependent.
**Higher gain antenna can be connected to compensate for cable attenuation when a cable is used. The user is responsible for the compliance with the legal regulations.
Bundled accessories specifications*
Radio specifications
RF technologies
Max RF power
3G, 4G, GNSS, WiFi, BLE
24 dBm@WCDMA, 23 dBm@LTE, 23 dBm@WiFi 10 dBm@BLE
Mobile antenna
698~960 / 1710~2690 MHz, 50 Ω, VSWR<3, gain** 3 dBi, omnidirectional, SMA male connector
Power adapter
Input: 0.6 A@100-240 VAC, Output: 12 VDC, 1.5 A, 4 pin plug
GNSS antenna
1575.42~1602 MHz, 2.2~5 VDC, VSWR<1.5, active total gain** 28 dB (typ.), RHCP polarization, SMA male connector
WiFi antenna
400~2483.5 MHz/5150~5905 MHz, 50 Ω, VSWR<2.0, gain** 3.0 dBi, omnidirectional, RP-SMA male connector
BLE antenna
2400~2500 MHz, 50 Ω, VSWR<2.5, gain** 2.5 dBi, omnidirectional, RP-SMA male connector
TECHNICAL INFORMATION
DATASHEET // RUTX14
Copyright © 2022, TELTONIKA NETWORKS. Specifications and information given in this document are subject to change by TELTONIKA NETWORKS without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com