Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVR Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G17DBVR
Description  SN74LVC2G17
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G17DBVR Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G17DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to 7.0
V
VI
DC Input Voltage
−0.5 ≤VI ≤+7.0
V
VO
DC Output Voltage Output in Higher or Low State (Note 1)
−0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO<GND, VO>VCC
±50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to 150
℃
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
℃
TJ
Junction Temperature Under Bias
150
℃
θJA
Thermal Resistance
333
℃/W
PD
Power Dissipation in Still Air at 85°C
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index:28 to 34
UL94V−0@0.12in
ESD
ESD Classification Human
Body Model (Note 2)
Machine Model (Note3)
Charged Device Model (Note 4)
2000
200
N/A
V
ILatchup
Latchup Performance Above VCC and Below GND at 125°C
(Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are
exceeded, device functionality should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage Operating
Date Retention
1.65
1.5
5.5
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage (High or Low State)
0
5.5
V
TA
Operating Temperature Range
-55
125
℃
tr,tf
Input Rise and Fall Time
VCC = 2.5 V ± 0.2 V
VCC = 3.0 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
0
20
10
5
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended
exposure to stresses beyond the Recommended.
UMW R
SN74LVC2G17
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com