Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G17DBVR
Description  SN74LVC2G17
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G17DBVR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G17DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G17DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The SN74LVC2G17 is a high performan
ce dual buffer operating from a 1.65 to
5.5V supply. At VCC = 3.0V,high impedan
ce TTL compatible
inputs
significantly
reduce current loading to input drivers
while the TTL compatible outputs offer
improved switching noise performance.
Features
● Extremely High Speed: t
PD 2.0ns (typical) at VCC= 5.0V
● Designed for 1.65V to 5.5V V
CC Operation
● Overvoltage Tolerant Inputs
●
LVTTL Compatible − Interface Capability with 5.0V
TTL Logic with VCC = 3.0V (2.7−3.3)
● LVCMOS Compatible
● 24mA Balanced Output Sink and Source Capability at
V
CC = 3.0V
● Near Zero Static Supply Current Substantially Reduces
System Power Requirements
● Chip Complexity: FET = 72; Equivalent Gate = 18
●
These Devices are Pb−Free and are RoHS Compliant
● NLV Prefix for Automotive and Other
Applications Requiring Unique Site and Control
Change
Requirements; AEC−Q100 Qualified and
PPAP Capable
Pin Configuration
UMW R
SN74LVC2G17
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - SN74LVC2G17DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17DBVR TI-SN74LVC2G17DBVR Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17DBVR TI-SN74LVC2G17DBVR Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVR TI-SN74LVC2G17DBVR Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVR TI1-SN74LVC2G17DBVR Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
SN74LVC2G17DBVR TI2-SN74LVC2G17DBVR Datasheet
1Mb / 34P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
REVISED JANUARY 2015
More results

Similar Description - SN74LVC2G17DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com