Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2777 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 2Page - STMicroelectronics UM2777 Datasheet HTML 3Page - STMicroelectronics UM2777 Datasheet HTML 4Page - STMicroelectronics UM2777 Datasheet HTML 5Page - STMicroelectronics UM2777 Datasheet HTML 6Page - STMicroelectronics UM2777 Datasheet HTML 7Page - STMicroelectronics UM2777 Datasheet HTML 8Page - STMicroelectronics UM2777 Datasheet HTML 9Page - STMicroelectronics UM2777 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
2.1.3
TS922 rail-to-rail, high output current, dual operational amplifier
The TS922 is a rail-to-rail dual BiCMOS operational amplifier optimized and fully specified for 3 V and 5 V
operation. The very low noise, low distortion, low offset, and high output current capability render this device
highly suitable for high quality, low voltage, or battery operated audio systems.
Related links
Visit the product web page for the TS922 rail-to-rail, high output current, dual operational amplifier
2.1.4
ISM330DHCX iNEMO IMU 3D Acc + 3D Gyro
The ISM330DHCX is a system-in-package featuring a high-performance 3D digital accelerometer and +3D digital
gyroscope tailored for Industry 4.0 applications.
The sensing elements of the accelerometer and of the gyroscope are implemented on the same silicon die, which
ensures superior stability and robustness.
Several embedded features such as programmable FSM, FIFO, sensor hub, event decoding and interrupts allow
the implementation of smart and complex sensor nodes able to deliver high performance at very low power.
Related links
Visit the product web page for the ISM330DHCX iNEMO IMU 3D Acc + 3D Gyro
2.1.5
IIS3DWB ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration sensor
The IIS3DWB is a system-in-package featuring a 3-axis digital accelerometer with low noise over an ultra-wide
and flat frequency range. The wide bandwidth, low noise, very stable and repeatable sensitivity, together with
the capability of operating over an extended temperature range (up to +105 °C), render the device particularly
suitable for vibration monitoring in industrial applications.
The high performance delivered at low power consumption, together with the digital output and embedded digital
features like FIFO and interrupts are of primary importance in battery-operated industrial wireless sensor nodes.
Related links
Visit the product web page for the IIS3DWB ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration sensor
2.1.6
IIS2DH ultra-low power 3-axis high-performance accelerometer
The IIS2DH is an ultra-low-power high-performance three-axis linear accelerometer with digital I2C/SPI serial
interface standard output.
The device may be configured to generate interrupt signals from two independent inertial wake-up/free-fall events,
as well as from the position of the device itself.
Related links
Visit the product web page for the IIS2DH ultra-low power 3-axis high-performance accelerometer
2.1.7
IIS2MDC 3-axis magnetometer
The IIS2MDC is a high-accuracy, ultra-low-power 3-axis digital magnetic sensor. It has a magnetic field dynamic
range up to ±50 gauss, and includes an I²C serial bus interface that supports 100 kHz, 400 kHz, 1 MHz, and
3.4 MHz rates and an SPI serial standard interface.
The device can be configured to generate an interrupt signal from magnetic field detection.
Related links
Visit the product web page for the IIS2MDC 3-axis magnetometer
UM2777
Sensing
UM2777 - Rev 4
page 6/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com